Electronic Components Datasheet Search
  English  ▼

X  

8103921 Datasheet(PDF) 5 Page - ledxon GmbH

Part # 8103921
Description  Recessed spotlight ESP1-S20, 15,2W 1074lm CRI90 1800K-4000K 55° white DALI
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDXON [ledxon GmbH]
Direct Link  https://www.ledxon.de/en
Logo LEDXON - ledxon GmbH

8103921 Datasheet(HTML) 5 Page - ledxon GmbH

  8103921 Datasheet HTML 1Page - ledxon GmbH 8103921 Datasheet HTML 2Page - ledxon GmbH 8103921 Datasheet HTML 3Page - ledxon GmbH 8103921 Datasheet HTML 4Page - ledxon GmbH 8103921 Datasheet HTML 5Page - ledxon GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
8103921
/
Page 5 5
OXOMI
Created on 09/01/2026
CONTACT
sales@ledxon.com
+49 871 9751 51 60
www.ledxon.com
MORE PICTURES



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com