Electronic Components Datasheet Search
  English  ▼

X  

FMC650 Datasheet(PDF) 2 Page - Infinite Electronics International, Inc.

Part # FMC650
Description  Precision 2.4mm Female to 2.4mm Female Cable VNA High Flex Coax
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

FMC650 Datasheet(HTML) 2 Page - Infinite Electronics International, Inc.

  FMC650 Datasheet HTML 1Page - Infinite Electronics International, Inc. FMC650 Datasheet HTML 2Page - Infinite Electronics International, Inc. FMC650 Datasheet HTML 3Page - Infinite Electronics International, Inc. FMC650 Datasheet HTML 4Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Cable
Cable Type
FM-VNA-HF
Impedance
50 Ohms
Inner Conductor Type
Solid
Inner Conductor Material and Plating
Copper, Silver
Dielectric Type
PTFE
Number of Shields
3
Shield Layer 1
Silver Plated Copper Tape
Shield Layer 2
Silver Plated Copper Braid
Shield Layer 3
Silver Plated Copper Braid
Jacket Diameter
0.27 in [6.86 mm]
.
One Time Minimum Bend Radius
1 in [25.4 mm]
Flat Plate Crush
317 lbs/in [5.66 Kg/mm]
Connectors
.
Description
Connector 1
Connector 2
Type
2.4mm Female
2.4mm Female
Impedance
50 Ohms
50 Ohms
Contact Material & Plating
Beryllium Copper, Gold
Beryllium Copper, Gold
Dielectric Type
ULTEM
ULTEM
Outer Cond Material & Plating
Passivated Stainless Steel Passivated Stainless Steel
Body Material & Plating
Passivated Stainless Steel Passivated Stainless Steel
Environmental Specifications
Temperature
Operating Range
-55 to +125 deg C
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
• Values at 25°C, sea level.
How to Order
Part Number Configuration:
FMC650 - xx
uu
|
|
cm = Centimeters
|
<blank> = Inches
|
|
Length
Example: FMC650-12 = 12 inches long cable
FMC650-100cm = 100 cm long cable
301 Leora Ln., Suite 100, Lewisville, TX 75056 | Tel: 1-800-715-4396 / (972) 649-6678 / Fax: (972) 649-6689
REV 1.0 Page 2 of 4
FMC650
DATA SHEET



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com