Electronic Components Datasheet Search
  English  ▼

X  

IDB30E60 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # IDB30E60
Description  Fast Recovery Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

IDB30E60 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  IDB30E60 Datasheet HTML 1Page - Inchange Semiconductor Company Limited IDB30E60 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Fast Recovery Diode
IDB30E60
www.iscsemi.com
1
FEATURES
· Fast Recovery
· Soft Switching
· Low Reverse Recovery Charge
APPLICATIONS
· Switching power supply
· Power switching circuits
ABSOLUTE MAXIMUM RATINGS(TJ=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
Repetitive peak reverse voltage
600
V
IF
Continuous forward current
TC=25℃
52.3
A
TC=90℃
34.9
A
IFSM
Surge non repetitive forward current
sine halfwave,tp=10ms
117
A
IFRM
Maximum repetitive forward current
tp limited by tjmax, D = 0.5
81
A
TJ
Junction Temperature
-40~175
℃
Tstg
Storage Temperature Range
-55~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
1.05
℃
/W
ELECTRICAL CHARACTERISTICS(TJ = 25 °C unless otherwise specified)
SYMBO
L
PARAMETER
CONDITIONS
MIN TYP MAX UNI
T
VF
Maximum Instantaneous Forward Voltage
IF= 30A
--
--
2.0
V
IR
Maximum Instantaneous Reverse Current
VR= VRWM
--
--
50
μA


Similar Part No. - IDB30E60

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDB30E60 INFINEON-IDB30E60 Datasheet
200Kb / 9P
Fast Switching EmCon Diode
Rev.2 2003-07-31
IDB30E60 INFINEON-IDB30E60 Datasheet
213Kb / 8P
Fast Switching EmCon Diode
Rev.2.2 2007-09-01
IDB30E60 INFINEON-IDB30E60_07 Datasheet
213Kb / 8P
Fast Switching EmCon Diode
Rev.2.2 2007-09-01
IDB30E60 INFINEON-IDB30E60_13 Datasheet
420Kb / 8P
Fast Switching Emitter Controlled Diode
Rev.2.4 2009-03-04
More results

Similar Description - IDB30E60

ManufacturerPart #DatasheetDescription
logo
Power Semiconductors
ARF221 POSEICO-ARF221 Datasheet
43Kb / 4P
FAST RECOVERY DIODE
ARF241 POSEICO-ARF241 Datasheet
43Kb / 4P
FAST RECOVERY DIODE
ARF462 POSEICO-ARF462 Datasheet
105Kb / 2P
FAST RECOVERY DIODE
ARF565 POSEICO-ARF565 Datasheet
45Kb / 4P
FAST RECOVERY DIODE
ARF673 POSEICO-ARF673 Datasheet
104Kb / 2P
FAST RECOVERY DIODE
logo
Dynex Semiconductor
DF054 DYNEX-DF054 Datasheet
58Kb / 7P
Fast Recovery Diode
DF654 DYNEX-DF654 Datasheet
61Kb / 7P
Fast Recovery Diode
DSF8045SK DYNEX-DSF8045SK Datasheet
63Kb / 9P
Fast Recovery Diode
MDFB51 DYNEX-MDFB51 Datasheet
69Kb / 8P
Fast Recovery Diode
logo
Rohm
RF101L4S ROHM-RF101L4S Datasheet
116Kb / 4P
Fast recovery diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com