Electronic Components Datasheet Search
  English  ▼

X  

TC-3000 Datasheet(PDF) 2 Page - TOKYO KEISO CO.,LTD.

Part # TC-3000
Description  MINI-THERMAL MASS FLOW CONTROLLER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

TC-3000 Datasheet(HTML) 2 Page - TOKYO KEISO CO.,LTD.

  TC-3000 Datasheet HTML 1Page - TOKYO KEISO CO.,LTD. TC-3000 Datasheet HTML 2Page - TOKYO KEISO CO.,LTD. TC-3000 Datasheet HTML 3Page - TOKYO KEISO CO.,LTD. TC-3000 Datasheet HTML 4Page - TOKYO KEISO CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TC-3000 MINI-THERMAL MASS FLOW CONTROLLER
2
TOKYO KEISO CO., LTD.
TG-F2277-E02
STANDARD SPECIFICATION
❏
TC-3000 CONTROLLER UNIT
❏
CONNECTION CABLE
Connection cables are available as follows.
End of cable model code: length in “meters” to be filled.
(Ex: SC-CM cable 2m → “SC-CM-02”)
Type
Application
Length
SC-CM-
□□
TC-3000
↔
TM-1400
Standard 2m
(Max. 100m)
SC-TC-
□□
TC-3000
↔
power supply
(prepared by customer)
Standard 2m
(Max. 100m)
GAS TO BE MEASURED
All kinds of gases, except gases containing more than 10%(VOL) of H2 or He and mixtures of H2 or He and CnHm.
RANGE
TC-3100S
TC-3100
TC-3300
TC-3600
TC-3800
Min. 0 to 2L/min(nor) Max. 0 to 100L/min(nor) 0 to 300L/min(nor) 0 to 600L/min(nor) 0 to 800L/min(nor)
SCALE RANGE
MAX. GAS PRESS.
0.98MPa
5 to 50˚C
2 to 100% of Full Scale
Within 2 sec.
0.8kg
6.0kg
5.1kg
M3 screw terminal
Exclusive connector
85% RH(To be free from condensation)
21 to 27 V DC, 330mA
4 to 20 mA DC(0 to 100%)
4 to 20 mA DC(0 to 100%)
Rc1/4, OD1/4 Swagelok
Rc3/4, Rc1
Rc1
2 to 70L/min(nor)...0.06 to 0.3MPa
70 to 100L/min(nor)...0.07 to 0.3MPa
±15 V DC +150mA
_200mA
±15 V DC +150mA
_200mA ±15 V DC
+150mA
_320mA
BODY
: SUS316, SCS14(TC-3100/3100S)
SENSOR
: Combination of SUS316, Pt, Glass, CTFE
CONTROL VALVE : SUS430(TC-3100/3100S), *SHOMAC(TC-/3600/3800)
SEAL
: FKM or CR
Within 4 sec.
±2%F.S. (at 25°C)
SPAN :
±0.1%F.S./˚C Max. ZERO : ±0.01%F.S./˚C Max.
0 to 5 V DC(0 to 100%)
0 to 5 V DC(0 to 100%)
0.15 to 0.34MPa 0.18 to 0.44MPa 0.20 to 0.44MPa
GAS TEMP.
CONTROL RANGE
RESPONSE TIME
CONTROL DP RANGE
PROCESS CONN.
FLOW OUTPUT SIGNAL
FLOW CONTROL INPUT SIGNAL
OUTPUT, CONTROL ACCURACY
TEMP. EFFECT
GAS CONTACT MATERIAL
POWER SUPPLY
ELEC. CONN.
AMB HUMID.
WEIGHT
* : Specially high purity Ferrite system Stainless steel(High corrosion resitant and strong magnetic material)
MODEL CODE
❏
TC-3000 CONTROLLER UNIT
STANDARD SPECIFICATION
INDICATION
SCALING FACTOR
OPTION
POWER SUPPLY
CONSUMPTION
ELEC. CONN.
MOUNTING
ENCLOSURE
AMB. TEMP.
AMB. HUMID.
WEIGHT
ACCURACY
EXTERNAL
SETTING
SIGNAL
MANUAL
SETTING
4 to 20 mA DC
0 to 5 V DC
31/2 digit Red colour LED(H; 10.2mm)
FACTORY SET
Soft Start Function (5 sec. setting)
85 to 240 V AC, 50/60Hz
Approx 15VA
Ext. : M3, Screw terminal
Sensor : Exclusive Connector
Panel mount
DIN 72
× 72, Installation tting provided
In-door use (IP 20)
0 to +50˚C
85%RH (to be free from condensation)
550g
Sensor accuracy
±0.1% F.S. ±1 dig
STANDARD SPECIFICATION
0 to 5 V DC : Ri 100k
1 to 5 V DC : Ri 100k
Proportional setting of external signal
External Control Signal
10 rotation POT., 1% resolutionality
Max. load 550
Output Accuracy :
±0.1% F.S. on to Sensor Accuracy
Resistance load : 5K
Output Accuracy : As per Sensor Accuracy
STANDARD SPECIFICATION
4 to 20 mA DC : Ri 250
❏
TM-1400 CONVERTER UNIT
TC_3
_
_
Description
100S
100
MAX 100L/min (nor)
MAX 300L/min (nor)
MAX 600L/min (nor)
MAX 800L/min (nor)
2L/min (nor)
TC-3100/3100S
TC-3300
TC-3600
TC-3800
TC-3100/3100S
TC-3300/3600/3800
TC-3100/3100S
TC-3100/3100S
TC-3300/3600
TC-3300/3600/3800
10L/min (nor)
30L/min (nor)
50L/min (nor)
70L/min (nor)
100L/min (nor)
200L/min (nor)
300L/min (nor)
600L/min (nor)
800L/min (nor)
300
600
800
100
020
300
500
700
201
101
301
601
801
04
12
16
R
S
Swagelok
Rc Thread
1/4''
3/4''
1''
Size
Full scale
Connection type
Connection size
❏
TM-1400 CONVERTER UNIT
4 to 20 mA DC
0 to 5 V DC
External setting / With manual setting change
Not provided
4 to 20 mA DC
0 to 5 V DC
1 to 5 V DC
TM-14
Analog output
1
2
0
1
2
3
Description
— 2
External setting signal
0
Flow setting
— 2
CAUTION ON USE
• Install the unit horizontally with its connector facing upwards.
• The primary pressure should be the same as the operating pressure as specified in the inquiry.
• Install the unit so that the arrow on the unit matches the flow direction of fluid.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com