Electronic Components Datasheet Search
  English  ▼

X  

2075113 Datasheet(PDF) 1 Page - Pro-Power

Part # 2075113
Description  2-Part Cable Labelling System Laser Printable Labels and Carrier Tubing
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROPOWER [Pro-Power]
Direct Link  
Logo PROPOWER - Pro-Power

2075113 Datasheet(HTML) 1 Page - Pro-Power

  2075113 Datasheet HTML 1Page - Pro-Power 2075113 Datasheet HTML 2Page - Pro-Power 2075113 Datasheet HTML 3Page - Pro-Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Page <1>
V1.0
08/03/19
2-Part Cable Labelling System
Laser Printable Labels and Carrier Tubing
Laser Printable Labels
Features
• Apply carrier tubing prior to termination then label later
• Change label at any time without cutting off the wire
• For easy changing leave tail in place till project complete
• Label protected inside the carrier tubing
• Carrier tubing can be turned according to reading needs
• Carrier tubing grips the cable
• Replacement, no need to cut and re-terminate wire
Features
• Print using a standard office laser printer
• Use a colour laser printer for colour-coded printing
• For colour font / background use colour laser printer
• Available in 3 different lengths (20mm, 30mm, 50mm)
Description
A really easy and fast way of producing wire markers using a standard office laser printer. With our 2-part labelling system you
can make changes in seconds with no need to cut and re-terminate the wire. Simply remove the label from the carrier tubing
and pull through a new label.
Technical Data
Printing Method
: Standard Laser Printer
Material
: Polyester
Colours
: White
Sheet Size
: A4
How it Works


Similar Part No. - 2075113

ManufacturerPart #DatasheetDescription
logo
Atom Lighting
20751 ATOM-20751 Datasheet
122Kb / 2P
AT9234 Assembly
31st of January 2025 06:57:01
logo
Pro-Power
2075102 PROPOWER-2075102 Datasheet
151Kb / 2P
Faceplate / General Label
V1.4 25/10/18
2075103 PROPOWER-2075103 Datasheet
151Kb / 2P
Faceplate / General Label
V1.4 25/10/18
2075104 PROPOWER-2075104 Datasheet
151Kb / 2P
Faceplate / General Label
V1.4 25/10/18
logo
Tyco Electronics
207516-1 MACOM-207516-1 Datasheet
89Kb / 1P
RECEPTACLE CONNECTOR, SIZE 3, 25 POSN, WITH CLINCH NUTS
More results

Similar Description - 2075113

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
020557-000 MACOM-020557-000 Datasheet
223Kb / 2P
RMK Computer printable epoxy coated labels in a sheet form
CSL03423P4 MACOM-CSL03423P4 Datasheet
113Kb / 2P
CSL A4 Laser printable self-laminating labels
logo
PANDUIT CORP.
LJSL21-Y3-1 PANDUIT-LJSL21-Y3-1 Datasheet
69Kb / 1P
CUSTOMER DRAWING OPTIMUMM SELF-SAM. SASER INKJET PRINTABLE LABELS
C038X038YJJ PANDUIT-C038X038YJJ Datasheet
78Kb / 2P
OPTIMUM CO38X038YJJ AND C038X038YLJ LASER INKJET LABELS
C060X020YJD PANDUIT-C060X020YJD Datasheet
56Kb / 1P
OPTIMUM C060X020YJD AND C060X020CBD COMPTER PRINTABLE LABELS
C075X025YJD PANDUIT-C075X025YJD Datasheet
51Kb / 1P
OPTIMUM C075X025YJD AND C075X025CBD COMPUTER PRINTABLE LABELS
C150X075YJD PANDUIT-C150X075YJD Datasheet
43Kb / 1P
OPTIMUM C150X075Y JD COMPUTER PRINTABLE LABELS
9-29-04
C200X100YJJ PANDUIT-C200X100YJJ Datasheet
58Kb / 1P
OPTIMUM C200X100YJJ LASER/INJET LABELS
C10230 PANDUIT-C10230 Datasheet
45Kb / 2P
C100X050YJD AND C100X050CBD COMPUTER PRINTABLE LABELS
S100X150YAJ PANDUIT-S100X150YAJ Datasheet
76Kb / 1P
LASER INKJET PRINTABLE LABELS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com