Electronic Components Datasheet Search
  English  ▼

X  

2075120 Datasheet(PDF) 2 Page - Pro-Power

Part # 2075120
Description  2-Part Cable Labelling System Laser Printable Labels and Carrier Tubing
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROPOWER [Pro-Power]
Direct Link  
Logo PROPOWER - Pro-Power

2075120 Datasheet(HTML) 2 Page - Pro-Power

  2075120 Datasheet HTML 1Page - Pro-Power 2075120 Datasheet HTML 2Page - Pro-Power 2075120 Datasheet HTML 3Page - Pro-Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Page <2>
V1.0
08/03/19
2-Part Cable Labelling System
Laser Printable Labels and Carrier Tubing
Part Number Label Dimensions
(mm)
Printable
(mm)
Labels per
Sheet
Sheets per
Pack
2075105
20 × 5
19 × 4
75
10
2075107
30 × 5
29 × 4
45
2075108
50 × 5
49 × 4
38
Specification Table
Part Number Cable OD Ø
(mm)
Tube Length
(mm)
Pack
Quantity
2075109
1.25 - 2.5
20
500
2075110
30
2075111
50
2075112
2.5 - 4
20
2075113
30
2075114
50
Specification Table
Carrier Tubing
Features
• Wide range of diameters from OD Ø1.25mm to 7mm
• Available in 3 different lengths (20mm, 30mm, 50mm)
Technical Data
Material
: PVC
Colours
: Transparent
Storage Instructions
Storage Temperature
: Store between 10°C (50°F) and 25°C (77°F)
Shelf Life
: 2 Years
Conditions
: Keep in dark conditions
Humidity Resistance
: 35% to 65% RH
Part Number Cable OD Ø
(mm)
Tube Length
(mm)
Pack
Quantity
2075115
3 - 5
20
500
2075116
30
2075117
50
2075119
4-7
20
2075120
30
2075121
50



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com