Electronic Components Datasheet Search
  English  ▼

X  

6944X Datasheet(PDF) 1 Page - Pro-Power

Part # 6944X
Description  6944X
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROPOWER [Pro-Power]
Direct Link  
Logo PROPOWER - Pro-Power

6944X Datasheet(HTML) 1 Page - Pro-Power

  6944X Datasheet HTML 1Page - Pro-Power 6944X Datasheet HTML 2Page - Pro-Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
6944X
Page 1
24/10/07 V1.0
Dimensions : Millimetres (Unless Specified)
Specifications
Conductor CSA (mm2)
1.5
2.5
4
Core-Earth/Core-Core Voltage
Rating (V)
600/1000
Number of Cores
4
MaximumOptimum
Temperature (°C)
90
External Diameter
13.7
14.7
16.2
Primary Screen Type
Steel Wire
Primary Insulation Material
XLPE
Secondary Insulation Material
PVC
Secondary Insulation Colour
Black
Primary Insulation Colour
Brown, Black, Grey, Blue
Minimum Optimum
Temperature (°C)
-40
Cable Type
SWA
Conductor Material
Copper
Conductor Make-up
1/1.38
1/1.78
7/0.85
Reel Length (m)
100
50
Weight (Kg)
19.8
11.4
28.2
Part Number
6944X 1.5 100M
6944X 2.5 50M
6944X 4.0 50M


Similar Part No. - 6944X

ManufacturerPart #DatasheetDescription
logo
Pro-Power
6944X1.5MM XLPE/SWA/PVC PROPOWER-6944X1.5MM XLPE/SWA/PVC Datasheet
124Kb / 2P
Cables
12/04/12 V1.1
6944X2.5MM XLPE/SWA/PVC PROPOWER-6944X2.5MM XLPE/SWA/PVC Datasheet
124Kb / 2P
Cables
12/04/12 V1.1
6944X4.0MM XLPE/SWA/PVC PROPOWER-6944X4.0MM XLPE/SWA/PVC Datasheet
124Kb / 2P
Cables
12/04/12 V1.1
6944X6.0MM XLPE/SWA/PVC PROPOWER-6944X6.0MM XLPE/SWA/PVC Datasheet
124Kb / 2P
Cables
12/04/12 V1.1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com