Electronic Components Datasheet Search
  English  ▼

X  

7000113 Datasheet(PDF) 1 Page - Pro-Power

Part # 7000113
Description  Multicore Cable Miniature - Screened
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROPOWER [Pro-Power]
Direct Link  
Logo PROPOWER - Pro-Power

7000113 Datasheet(HTML) 1 Page - Pro-Power

  7000113 Datasheet HTML 1Page - Pro-Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Multicore Cable
Miniature - Screened
19/12/11 V1.1
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Important Notice : This data sheet and its contents (the "Information") belong to the members of the Premier Farnell group of companies (the "Group") or are licensed to it. No licence is granted for the use of
it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change without notice and replaces
all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any error in or omission from it or for any use
made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any assumptions based on information included or omitted.
Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the Group was aware of the possibility of such loss or damage arising)
is excluded. This will not operate to limit or restrict the Group's liability for death or personal injury resulting from its negligence. Pro-POWER is the registered trademark of the Group. © Premier Farnell plc 2011.
Specifications:
Voltage rating
: 440 V ac
Conductor area (CSA)
: 0.22 mm2
Maximum operating temperature
: 70°C
Sheath colour
: Grey
Primary insulation material
: PVC
Secondary insulation material
: PVC
Conductor make-up
: 7 / 0.2 mm
Secondary insulation colour
: Grey
Description
Number
of
Cores
External
Diameter
Primary
Screen Type
Standard
Conductor
Material
Core Colour
Part Number
Cable, Screen,
12 Core, 7 / 0.2 mm
25 m
12
7.2
Tinned
Annealed
Copper Wire
DEF STAN 61 - 12 Part 4
Tinned
Copper
Grey
7000113
Cable, Screen,
12 Core, 7 / 0.2 mm,
100 m
6.8
Tinned
Copper Braid
BS6746
7001944
Cable, Screen,
20 Core, 7 / 0.2 mm,
25 m
20
8.6
White / Blue
860087 25M.
Cable, Screen,
20 Core, 7 / 0.2 mm,
100 m
860087 100M
Specification Table
Dimensions : Millimetres


Similar Part No. - 7000113

ManufacturerPart #DatasheetDescription
logo
Sennheiser electronic S...
700011 SENNHEISER-700011 Datasheet
244Kb / 6P
Evolution Wireless Digital
V1.2
More results

Similar Description - 7000113

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SAR605SU ETC2-SAR605SU Datasheet
629Kb / 2P
miniature fully screened, open frame
logo
Cynergy3 Co
FRS12000 CYNERGY3-FRS12000 Datasheet
552Kb / 2P
miniature screened 2 kV, 5A
TAR212SM CYNERGY3-TAR212SM Datasheet
663Kb / 2P
Miniature Screened 0.5A, 1.5kV 2 Series
SAR605SU CYNERGY3-SAR605SU Datasheet
674Kb / 2P
miniature fully screened, open frame
FRS12030 CYNERGY3-FRS12030 Datasheet
599Kb / 2P
FRS12000 miniature screened
logo
Freescale Semiconductor...
P2041NXE1MMB FREESCALE-P2041NXE1MMB Datasheet
774Kb / 9P
P2041NXE1MMB multicore processors
logo
Cynergy3 Co
SAR405SD CYNERGY3-SAR405SD Datasheet
636Kb / 2P
miniature screened, open frame
logo
Freescale Semiconductor...
P4080NXE1MMB FREESCALE-P4080NXE1MMB Datasheet
495Kb / 3P
P4 Series Multicore Processors
logo
Cynergy3 Co
SAR412SD CYNERGY3-SAR412SD Datasheet
636Kb / 2P
miniature screened, open frame
SAR405SU CYNERGY3-SAR405SU Datasheet
310Kb / 2P
miniature screened, open frame 3.5 kV, 3.5A
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com