Electronic Components Datasheet Search
  English  ▼

X  

711378 Datasheet(PDF) 2 Page - Pro-Power

Part # 711378
Description  Multicore Cables Sub Miniature - Screened
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROPOWER [Pro-Power]
Direct Link  
Logo PROPOWER - Pro-Power

711378 Datasheet(HTML) 2 Page - Pro-Power

  711378 Datasheet HTML 1Page - Pro-Power 711378 Datasheet HTML 2Page - Pro-Power 711378 Datasheet HTML 3Page - Pro-Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Multicore Cables
Sub Miniature - Screened
Page 2
30/05/05 V1.0
Dimensions : Millimetres (Unless Specified)
Number of
Cores
Nominal Diameter
Length (m)
Type
Part Number
Minimum
Maximum
4
2.9
3.4
25
7-1-4C
711342
100
860173 100M
6
3.3
3.8
25
7-1-6C
711366
100
711378
9
4.0
4.4
25
7-1-9C
711380
100
711391
15
5.0
5.4
25
7-1-15C
860183
100
860183
25
6.0
6.6
25
7-1-25C
860128
100
711433
Type No Explanation
7
1
4
C
Number of
Wires per
Conductor
Nominal
Diameter of
Each Wire
Number of
Cores
Type of
Construction
Nominal Diameter of Each Wire : 1 = 0.10mm.
Number of Cores
: 4, 6, 9, 15 and 25.
Type of Construction
: C = Tinned Conductors Insulated with PVC to BS6746 Type 2, collectively screened braid
construction using tinned, annealed copper wire. Fill factor of density of braid not to be less than
0.70 overall sheated with PVC to BS6746 type 6.
Specification Table



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com