Electronic Components Datasheet Search
  English  ▼

X  

7001249 Datasheet(PDF) 11 Page - Pro-Power

Part # 7001249
Description  7-2-C Series
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROPOWER [Pro-Power]
Direct Link  
Logo PROPOWER - Pro-Power

7001249 Datasheet(HTML) 11 Page - Pro-Power

Back Button 7001249 Datasheet HTML 5Page - Pro-Power 7001249 Datasheet HTML 6Page - Pro-Power 7001249 Datasheet HTML 7Page - Pro-Power 7001249 Datasheet HTML 8Page - Pro-Power 7001249 Datasheet HTML 9Page - Pro-Power 7001249 Datasheet HTML 10Page - Pro-Power 7001249 Datasheet HTML 11Page - Pro-Power 7001249 Datasheet HTML 12Page - Pro-Power 7001249 Datasheet HTML 13Page - Pro-Power  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
7-2-C Series
Page <11>
20/12/11 V1.1
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Specifications:
Description
: Sub-miniature cable, 7-2-25C, to Def Stan 61-12 (Part 4)
Conductors
: 0.22 mm2 (7/0.2 mm) tinned annealed copper bunch, meeting the requirements of BS 6360, class 5
: Maximum resistance (completed cable) at 20°C
: 92
Ω/km
Insulation
: Type 2 PVC compound to BS 7655
: Minimum radial thickness
: 0.25 mm
: Minimum core diameter
: 1.15 mm
: Maximum core diameter
: 1.25 mm
Lay up
: 25 cores
: 1st layer
: Red, blue and green
:2nd layer
: Yellow, white, black, brown, violet, orange, pink and
turquoise
: 3rd layer
: Grey, red / blue, green / red, yellow / red, white / red,
red / black, red / brown, yellow / blue, white / blue,
blue / black, orange / blue, yellow / green, white / green and
orange / green
: Polyester tape
Screen
: 0.15 mm tinned annealed copper braid
: Minimum filling factor
: 0.7
Sheath
: Type 6 PVC compound to BS 7655
: Minimum radial thickness
: 0.45 mm
: Minimum overall diameter
: 9.2 mm
: Maximum overall diameter
: 9.8 mm
Service Data
: For local interconnection between instruments and electronic equipment
: Not suitable for direct connection to mains power supplies
: Maximum working voltage
: 440 V ac rms
: Nominal capacitance
: core to core : 90 pF/m
: core to screen : 160 pF/m
: Maximum (conductor) operating temperature
: 70°C
: Approximate mass / unit length
: 152 kg/km



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com