Electronic Components Datasheet Search
  English  ▼

X  

LCB-T67S Datasheet(PDF) 6 Page - ams-OSRAM AG

Part # LCB-T67S
Description  TOPLED®
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LCB-T67S Datasheet(HTML) 6 Page - ams-OSRAM AG

Back Button LCB-T67S Datasheet HTML 2Page - ams-OSRAM AG LCB-T67S Datasheet HTML 3Page - ams-OSRAM AG LCB-T67S Datasheet HTML 4Page - ams-OSRAM AG LCB-T67S Datasheet HTML 5Page - ams-OSRAM AG LCB-T67S Datasheet HTML 6Page - ams-OSRAM AG LCB-T67S Datasheet HTML 7Page - ams-OSRAM AG LCB-T67S Datasheet HTML 8Page - ams-OSRAM AG LCB-T67S Datasheet HTML 9Page - ams-OSRAM AG LCB-T67S Datasheet HTML 10Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
LCB T67S CoD blue IB
DATASHEET
DATASHEET
6 | Version 1.6 | 2022-08-04
Brightness Groups
Group
Luminous Intensity 1)
Luminous Intensity 1)
Luminous Flux 7)
I
F = 10 mA
I
F = 10 mA
I
F = 10 mA
min.
max.
typ.
I
v
I
v
Φ
V
P2
56 mcd
71 mcd
190 mlm
Q1
71 mcd
90 mcd
240 mlm
Q2
90 mcd
112 mcd
300 mlm
R1
112 mcd
140 mcd
380 mlm
R2
140 mcd
180 mcd
480 mlm
Forward Voltage Groups
Group
Forward Voltage 4)
Forward Voltage 4)
I
F = 10 mA
I
F = 10 mA
min.
max.
V
F
V
F
Z4
2.70 V
2.90 V
46
2.90 V
3.20 V
A4
3.20 V
3.40 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com