Electronic Components Datasheet Search
  English  ▼

X  

TF-2000T Datasheet(PDF) 1 Page - TOKYO KEISO CO.,LTD.

Part # TF-2000T
Description  ALL-IN-ONE MINI THERMAL MASS FLO
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

TF-2000T Datasheet(HTML) 1 Page - TOKYO KEISO CO.,LTD.

  TF-2000T Datasheet HTML 1Page - TOKYO KEISO CO.,LTD. TF-2000T Datasheet HTML 2Page - TOKYO KEISO CO.,LTD. TF-2000T Datasheet HTML 3Page - TOKYO KEISO CO.,LTD. TF-2000T Datasheet HTML 4Page - TOKYO KEISO CO.,LTD. TF-2000T Datasheet HTML 5Page - TOKYO KEISO CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TG-F1153-E00
Mar 2018
1st edition
K
Rw
Tw
Ta
Ra
L O
W
F
Fluid
Gas
(Gas containing more than 10% of hydrogen or
helium, or mixed gas of hydrogen or helium with
CnHm is unsuitable.)
Min. 0 to 2L/min (nor)
Max. 0 to 750m3/h (nor)
1 : 20 (std.)
– 0.07 to 1.0MPa (std.)
0 to 60°C
Within ±0.1% F.S./°C
Scale range
Rangeability
Gas press.
Gas temp.
Temp. change effect
Tube
: SUS316 [Excluding TF-2251T]
SUS304 or SUS316 [TF-2251T]
(SUS304 only as for the flange
connection)
Sensor : Combination of SUS316, Glass,
CTFE and PT
Seal
: FKM or CR
Housing : AC2A
1 sec. for 90%
Response
Material
Waterproof (Equiv. to IP65)
Horizontal or Vertical (
✽)
0 to 60°C
2
× G1/2 (terminal: M3 screw)
DC24V (DC22V to 27V)
Approx. 5.5W
Housing : Munsell N8.5
Stainless body not painted
Finish
Construction
Installation
Ambient temp.
Cable entry
Power supply
Consumption
Press. change effect
Within ±0.1% F.S./0.1MPa
Installation & flow directions: Horizontal and Left to Right (standard) set up
at factory.
INDICATION, TOTALIZATION, 2-POINT ALARM,
DC4 to 20mA AND PULSE OUTPUT BY ONE UNIT
TF-2000T Series
ALL-IN-ONE MINI THERMAL MASS FLOWMETER
OUTLINE
TF-2000T MINI THERMAL MASS FLOWMETER is for the measure-
ment of mass flow rate of various gases without being influenced by
changes in pressure and temperature. TF-2000T has LCD indication
of flow rate and totalization. Also, functions of scaled output pulse
and DC4 to 20 mA are provided. In addition, two point field adjustable
alarm contacts are provided. TF-2000T can be operated by DC24V
power supply. As mentioned above, one unit provides all necessary
functions for flow measurement. Full function and wide Line-up of
TF-2000T cover various applications.
FEATURES
❏ Wide range of process connection
Rc 1/4" screw to 3" flanges are available. They are useful with the
extensive use in general process, air conditioning and gas supply
line etc.
❏ Simultaneous indication of flow rate and totalization
Large size, two line LCD is provided!
❏ Output of current, Pulse and Alarm functions are provided.
Remote indication, batch processing and safety operations are
achieved by one unit.
❏ Up to six kinds of gas and scale range can be chosen
Up to 6 different gases and scale ranges can be preset using keys.
❏ Mass flow measurement
Flow measurement is not influence of the change in pressure and
temperature.
STANDARD SPECIFICATION
❏ Excellent in durability
Excellent durable sensor supported by old know-how is used.
❏ Low pressure drop
Low pressure drop type is about 2kPa at max. flow
❏ High speed response
90% response within a second and also corresponding to batch
processing and total flow rate control
❏ Stabilization of Flow rate display and current output
By setting up a filter coefficient, flow display and current output
can be stabilized.
❏ Loop check function
Operation of equipment can be checked in the condition without
flowing gas.
OPERATION PRINCIPLE
Temperature detection sensor Ra and velocity detection sensor Rw
are installed in the gas flow path of TF-2000T MINI THERMAL MASS
FLOWMETER. The internal electronic circuits keep the temperature
gap between Rw (Tw) and Ra (Ta=Gas temp.) constant by supplying
electric current Ι. The transferred heat from Ra to passed gas (RwΙ
2)
is proportional to the mass flow rate of the gas to be measured which
can be calculated from supplied current Ι. The detection of mass
is not influenced by the change in gas pressure and temperature
because it is compensated by the internal software, and finally the
measurement is made, completely independent of any operating
conditions.
The flow rate is calculated from the supplied current Ι and outputted
in the form of electric signal.


Similar Part No. - TF-2000T

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TF-203501-S20 TRANSKO-TF-203501-S20 Datasheet
462Kb / 4P
Wireless, RF SAW Filter
Revision 0: July 2013
More results

Similar Description - TF-2000T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SC83702 ETC-SC83702 Datasheet
137Kb / 10P
ALL IN ONE MOUSE CONTROLLER
logo
Magnetrol International...
TA2-A000-031 MAGNETROL-TA2-A000-031 Datasheet
1Mb / 72P
Thermal Dispersion Mass Flow Transmitter
logo
Lightel Technologies IN...
FF-280 LIGHTEL-FF-280 Datasheet
206Kb / 2P
All-in-One Component Workstation
logo
MKS Instruments.
179C MKS-179C Datasheet
238Kb / 4P
All-Meta l Mass-Flo Meter
1150C MKS-1150C Datasheet
202Kb / 4P
vapor source mass-flo controllers
1179C MKS-1179C Datasheet
259Kb / 4P
General Purpose Mass-Flo Contro ller
logo
RENCO ELECTRONICS, INC.
RL-2260 RENCO-RL-2260 Datasheet
1Mb / 3P
ALL IN ONE??POWER TRANSFORMERS
logo
Schneider Electric
SO2040M200SS SCHNEIDER-SO2040M200SS Datasheet
117Kb / 2P
ALL-IN-ONE RINGLESS OH200ASURFACEHORNSOL
Mar 30, 2020
logo
List of Unclassifed Man...
MT3333 ETC1-MT3333 Datasheet
633Kb / 26P
All-in-One GNSS
logo
New Scale Technologies,...
M3-LS-U2-8 NEWSCALE-M3-LS-U2-8 Datasheet
1,009Kb / 4P
All-In-One Motion Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com