Electronic Components Datasheet Search
  English  ▼

X  

TM3000 Datasheet(PDF) 1 Page - TOKYO KEISO CO.,LTD.

Part # TM3000
Description  MINI CONVERTOR UNIT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

TM3000 Datasheet(HTML) 1 Page - TOKYO KEISO CO.,LTD.

  TM3000 Datasheet HTML 1Page - TOKYO KEISO CO.,LTD. TM3000 Datasheet HTML 2Page - TOKYO KEISO CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TM3000
MINI CONVERTOR UNIT
OUTLINE
The
TM3000 mini converter unit is a dedicated converter to
be used in combination with TF-900, TF-1000, TF-5000, TF-
6000, and (H-)EP-TF-5300 series mass flowmeters. The DIN-
72mm compact housing is equipped with functions such as
instantaneous flow rate indication, re-output, totalized value
indication, scaled pulse output, high/low alarm outputs, as well
as RS-485 communication function, and converter drive power
supply as standard. It can be used widely for monitoring the
total gas amount of each flow and detecting abnormal flow rate.
STANDARD SPECIFICATION
• FLOW RATE INDICATION
Indication
: 4-digit LCD (13 mm height)
Accuracy
:
±0.1% F.S. and ±1 digit, in addition to
detector accuracy
Analog input (by selection)
: a) 4 to 20 mA DC, 250
Ω input impedance
b) 0 to 5 V DC, 200 k
Ω input impedance
Analog re-output (by selection)
: a) 4 to 20 mA DC, up to 500
Ω load
b) 0 to 5 V DC, 100 k
Ω load and over
Output accuracy :
±0.1% F.S., in addition to detector accuracy
• TOTALIZATION FUNCTION
Indication
: 7-digit LCD (6 mm height)
Scaled pulse
: Output
Open collector
Rating
30 V DC, 20 mA (maximum)
Pulse width
50 mS (fixed)
Pulse rate
Synchronous with the value
counter
Indication accuracy
:
±0.1% F.S., in addition to detector accuracy
Scaling factor
: 36,000 c/h (maximum)
Totalized value reset
: Remote (via terminal/communication) or panel
key touch
• LOW CUT
: 2% as standard (arbitrary setting)
Scope of application
: Flow rate indication, flow rate output, totalized
value indication, scaled pulse output
• ALARM FUNCTION
Alarm indication
: LED turns red during operation.
Alarm output
: SPST NO (Make contact) or NC (Break
contact) (The contact will be opened even
when power is not supplied.)
Setting accuracy :
±1.0% F.S.
Contact rating
: 125 V AC, 0.4 A/30 V DC, 2 A
Setting point
: 2 points
Operation mode : Upper and lower alarm limits can be set.
Hysteresis width : 1
±0.5% F.S. (fixed)
• RS-485 COMMUNICATION SPECIFICATION
Protocol
: Modbus RTU
Transmission speed
: Selectable from 2400, 4800, 9600, or 19200
bps
Data format
: Selectable from 8N1, 8E1, or 8O1
ID address
: Selectable from 0 to 255
Function
: Outputs for instantaneous flow rate, totalized
values etc., setting change
• OTHER FUNCTIONS
Multi-data
: Up to 6 channels can be set.
Loop check function
• DATA BACKUP
Operation parameters and totalized values can be stored in flash
memory for 10 years.
• EXTERNAL POWER SUPPLY
: Select either from
±12 V DC, +200 mA,
-200 mA, or
±15 V DC, +200 mA, -200 mA.
• OTHER SPECIFICATIONS
Power supply
: 85 to 250 V AC, 50/60 Hz
Power consumption
: 15 VA
Electrical connection
: Blade terminal
Ambient temperature
: 0 to 50°C (no condensation)
Withstand voltage
: 1500 V AC between power supply and earth
terminal, 1 min.
Insulation resistance
: 20 M
Ω or over between power supply and
earth terminal (500 V DC)
Construction
: Indoor use (IP20 equivalent)
Housing material : ABS resin with glass fiber
Weight
: Approx. 480 g
MODEL CODE
MODEL CODE
Description
TM
3
Analog input
1
4 to 20 mA DC
2
0 to 5 V DC
Analog output
1
4 to 20 mA DC
2
0 to 5 V DC
External power supply
1
±12 V DC (Standard)
2
±15 V DC
APPLICABLE FLOWMETERS AND EXCLUSIVE CABLE
Applicable flowmeters
Cable code
Cable length
TF-900/1000/1100/1300
SC-MM3
2m: Standard
100m (Max.)
TF-1200/1400
SC-MA3
TF-5300/6300
SC-FM3
(H-) EP-TF-5300
SC-EP3
TF-1161
SC-MR3
HM-1000/5000 (Option)
SC-HM2
TG-F2152-E01
2nd edition Dec 2022 K
1st edition Aug 2021 K


Similar Part No. - TM3000

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TM300 TRUMPOWER-TM300 Datasheet
277Kb / 3P
300 WATT MEDICAL POWER SUPPLIES
TM300-Q40 TRUMPOWER-TM300-Q40 Datasheet
277Kb / 3P
300 WATT MEDICAL POWER SUPPLIES
TM300-Q403 TRUMPOWER-TM300-Q403 Datasheet
277Kb / 3P
300 WATT MEDICAL POWER SUPPLIES
TM300-Q41 TRUMPOWER-TM300-Q41 Datasheet
277Kb / 3P
300 WATT MEDICAL POWER SUPPLIES
TM300-Q410 TRUMPOWER-TM300-Q410 Datasheet
277Kb / 3P
300 WATT MEDICAL POWER SUPPLIES
More results

Similar Description - TM3000

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8083716 FESTO-8083716 Datasheet
99Kb / 3P
Mini slide unit
5/26/22
8083717 FESTO-8083717 Datasheet
100Kb / 3P
Mini slide unit
5/26/22
8083718 FESTO-8083718 Datasheet
99Kb / 3P
Mini slide unit
5/26/22
8083802 FESTO-8083802 Datasheet
102Kb / 3P
Mini slide unit
5/26/22
8083803 FESTO-8083803 Datasheet
101Kb / 3P
Mini slide unit
5/26/22
8083815 FESTO-8083815 Datasheet
99Kb / 3P
Mini slide unit
5/26/22
8083816 FESTO-8083816 Datasheet
99Kb / 3P
Mini slide unit
5/26/22
8083817 FESTO-8083817 Datasheet
99Kb / 3P
Mini slide unit
5/26/22
8083818 FESTO-8083818 Datasheet
99Kb / 3P
Mini slide unit
5/26/22
8083819 FESTO-8083819 Datasheet
99Kb / 3P
Mini slide unit
5/26/22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com