Electronic Components Datasheet Search
  English  ▼

X  

G517AL2RB1D Datasheet(PDF) 8 Page - Global Mixed-mode Technology Inc

Part # G517AL2RB1D
Description  Power Distribution Switch
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G517AL2RB1D Datasheet(HTML) 8 Page - Global Mixed-mode Technology Inc

Back Button G517AL2RB1D Datasheet HTML 4Page - Global Mixed-mode Technology Inc G517AL2RB1D Datasheet HTML 5Page - Global Mixed-mode Technology Inc G517AL2RB1D Datasheet HTML 6Page - Global Mixed-mode Technology Inc G517AL2RB1D Datasheet HTML 7Page - Global Mixed-mode Technology Inc G517AL2RB1D Datasheet HTML 8Page - Global Mixed-mode Technology Inc G517AL2RB1D Datasheet HTML 9Page - Global Mixed-mode Technology Inc G517AL2RB1D Datasheet HTML 10Page - Global Mixed-mode Technology Inc G517AL2RB1D Datasheet HTML 11Page - Global Mixed-mode Technology Inc G517AL2RB1D Datasheet HTML 12Page - Global Mixed-mode Technology Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
Ver: 1.4
Apr 25, 2016
TEL: 886-3-5788833
http://www.gmt.com.tw
8
G517
Global Mixed-mode Technology
Typical Performance Characteristics (Continued)
0
0.5
1
1.5
2
2.5
3
3.5
0
0.5
1
1.5
2
2.5
Output Current(A)
TA=85℃
TA=25℃
TA= -45℃
0
1
2
3
4
5
6
0
0.5
1
1.5
2
2.5
Output Current(A)
TA=85℃
TA=25℃
TA= -45℃
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
Input Voltage(V)
TA=-45℃
TA=25℃
TA=85℃
0
10
20
30
40
50
60
70
80
90
100
3
3.5
4
4.5
5
5.5
Input Voltage(V)
TA=-45℃
TA=25℃
TA=85℃
0
0.5
1
1.5
2
2.5
33.5
44.5
5
5.5
Input Voltage(V)
TA=-45℃
TA=25℃
TA=85℃
0
10
20
30
40
50
60
70
80
90
100
-40
-20
0
20406080
Temperature(℃)
ON-Resistance vs. Input Voltage
ON-Resistance vs. Temperature
Over Current Trigger Point
vs. Input Voltage
Short Circuit Current
vs. Input Voltage
Overcurrent Protection Characteristics
Overcurrent Protection Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com