Electronic Components Datasheet Search
  English  ▼

X  

UFS350A11/Z Datasheet(PDF) 2 Page - TOKYO KEISO CO.,LTD.

Part # UFS350A11/Z
Description  ULTRASONIC FLOWMETER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

UFS350A11/Z Datasheet(HTML) 2 Page - TOKYO KEISO CO.,LTD.

  UFS350A11/Z Datasheet HTML 1Page - TOKYO KEISO CO.,LTD. UFS350A11/Z Datasheet HTML 2Page - TOKYO KEISO CO.,LTD. UFS350A11/Z Datasheet HTML 3Page - TOKYO KEISO CO.,LTD. UFS350A11/Z Datasheet HTML 4Page - TOKYO KEISO CO.,LTD. UFS350A11/Z Datasheet HTML 5Page - TOKYO KEISO CO.,LTD. UFS350A11/Z Datasheet HTML 6Page - TOKYO KEISO CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
UL350 ULTRASONIC FLOWMETER
2
TOKYO KEISO CO., LTD.
TG-F2334-E00
STANDARD SPECIFICATIONS
●Measuring method
: Ultrasonic time-flight type (Ultrasonic path:
Reflex mode / V path or Diagonal mode /
Z path)
●Construction
: Sensor, Converter, Exclusive coaxial cable
with BNC connector, sensor fixing rail
●Sensor mounting
: Piping clamp-on type
●Measuring fluid
: Liquids in which Ultrasonic waves propa-
gate
*Refer to P5.[ POINTS TO BE CHECKED
BEFORE MODEL SELECTION ]
●Measurable fluid sonic velocity range
: 1,000 to 2,500 m/s
●Measurable fluid kinematic viscosity range
: 0.30 to 40.00 mm
2/s
●Fluid temperature
: Up to 90°C (Surface temperature of piping)
●Measurable pipe (Nominal diameter)
: 25 mm (min) to 1000 mm (max)
Note: Refer to “POINTS TO BE CHECKED
BEFORE USING” when selecting
the specifications.
●Measurable flow velocity range
: 0 to 10 m/s
●Settable full scale flow velocity range
: Maximum 10 m/s at settable full scale
●Accuracy
:
±2% of the reading at the condition that
flow velocity is 1m/s or more and Reyn-
olds number is 10000 or more.
: Flow velocity error is
±2 cm/s at the con-
dition that flow velocity is less than 1m/s.
●Display
: 16-digit, 2-line alphanumeric LCD (with
backlight) and status display LEDs (3
pieces)
Display data
: Flow rate, totalizing flow rate, various
status
●Power supply
: 100 to 230 V AC 50/60Hz ( 85 to 264 V AC
50/60Hz is acceptable)
●Power consumption : 12 VA or less
●Cable entry
: For power/output (M20 x 1.5, 3 pieces);
With waterproof cable gland (Applicable
cable diameter: ø8.0 to ø13.0)
For sensor; Waterproof BNC connector (2
pieces)
●Outputs
1) Analog output : 4 to 20 mA DC, Load resistance: 500
Ω or less
2) Pulse output
: Open collector output
Load rating 30 V DC, 50 mA, Low level 2V or less
Pulse width: 0.5 ms (max.1000pps), 50 ms
(max.10pps), 100 ms (max.5pps),
500 ms (max.1pps), 1s (0.5 pps or
less): It is selected by the number
of the maximum setting pulses.
3) Status output : Open collector output
Load rating 30 V DC, 50 mA, Low level 2 V or
less
Status 1 : Hold output
Status 2 : Empty pipe detection
Status 3 : Forward or backward flow detection
4) Serial output
: RS-485 serial output, Modbus protocol
Transmission speed/distance — 2,400, 4,800,
9,600 or 19,200 PPS, 1.2 km (Max. total dist
ance at the time of multi-drop connection)
Slave addresses: 1 to 31
●Damping setting : 0 to 100 s (Settable in increments of 1s step)
* Valid for display, analog output and pulse output.
There is a response delay of 0.5 s, even if damping is
set to 0 s.
●Low cutoff setting
: 0 to 30% of the maximum flow rate
(Settable in increments of 1%)
* Valid for display, analog output and pulse output.
●Parameter setting
: Set with the key switches on the front
panel of converter.
●Other additional functions
1) Analog and pulse simulation output function (For loop check)
2) Forward/backward direction measuring function
●Converter mounting method
: Mounted onto the wall or 2 inch
pipe
●Enclosure
: Converter / IP65 Jet-proof,
Sensor / IP65 Jet-proof (guaranteed with
BNC connectors coupled)
●Material
: Sensor housing / Heat-resisting ABS
Sensor mounting rail / Aluminum
Converter housing / Heat-resisting ABS
●Painting of converter : Housing cover = Blue
: Housing body = Light gray
●Sensor ambient temperaure
: -10 to 70°C
●Converter ambient temperature and humidity
: -20 to 50°C, 10 to 90% RH (No dew
condensation)
●Sensor signal cable : Standard 10 m (Up to 60 m)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com