Electronic Components Datasheet Search
  English  ▼

X  

UFS350A42/Z Datasheet(PDF) 4 Page - TOKYO KEISO CO.,LTD.

Part # UFS350A42/Z
Description  ULTRASONIC FLOWMETER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

UFS350A42/Z Datasheet(HTML) 4 Page - TOKYO KEISO CO.,LTD.

  UFS350A42/Z Datasheet HTML 1Page - TOKYO KEISO CO.,LTD. UFS350A42/Z Datasheet HTML 2Page - TOKYO KEISO CO.,LTD. UFS350A42/Z Datasheet HTML 3Page - TOKYO KEISO CO.,LTD. UFS350A42/Z Datasheet HTML 4Page - TOKYO KEISO CO.,LTD. UFS350A42/Z Datasheet HTML 5Page - TOKYO KEISO CO.,LTD. UFS350A42/Z Datasheet HTML 6Page - TOKYO KEISO CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
UL350 ULTRASONIC FLOWMETER
4
TOKYO KEISO CO., LTD.
TG-F2334-E00
DIMENSIONS
CONVERTER
● Wall mount type
● 2" pipe mount
SENSOR
MENU
ENT.
ZERO
BACK
MEAS.
SET
140
160
MENU
ENT.
ZERO
BACK
MEAS.
SET
(164)
94
STATUS
UL350
UL350
STATUS
4
×∅7
2-Slotted hole
∅9×2
3
2
1
3
2
1
UFS 330A Reflex mode
(V path)
UFS 350B Diagonal mode
(Z path)
FLOW RATE RANGE/SIZE
[Note]
The above-mentioned flow rates have been calculated for the SUS
Sch. 10s pipes, at the minimum range flow velocity of 0.3 m/s and
maximum range flow velocity of 10 m/s.
(The flow rate range may differ slightly, depending on the piping
standard.)
Possible scale range (m3/h)
Nominal diameter
Maximum
Minimum
(mm)
25
32
40
50
65
80
100
125
150
200
250
300
350
400
500
600
700
800
900
1000
22.80
38.91
52.27
85.21
139.7
195.2
331.6
500.1
709.4
1226
1902
2708
3377
4442
6984
10.06 (km3/h)
13.66 (km3/h)
17.95 (km3/h)
22.82 (km3/h)
28.10 (km3/h)
0.684
1.167
1.568
2.556
4.192
5.857
9.948
15.00
21.28
36.80
57.07
81.25
101.3
133.2
209.5
0.301 (km3/h)
0.409 (km3/h)
0.538 (km3/h)
0.684 (km3/h)
0.843 (km3/h)
WIRING DIAGRAM
CN1
CN2
Power supply
(AC)
Analog
output
4 to 20mADC
Totalized
pulse output
External
totalization
reset
Status output
ST2
ST3
com
(3P)
(2P)(2P)
(2P)
(4P)
L1
L2
+–
+
–
+
–
+
+
com
+
ST1
Note 1 :
ST1 (Status 1) : Hold output
ST2 (Status 2) : Empty pipe detection
ST3 (Status 3) : Forward or backward flow detection
Note 2 :
The detachable connectors are used.
−-
CN3
Serial Output
RS485
(3P)
GND
+–



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com