Electronic Components Datasheet Search
  English  ▼

X  

UFS350B41/Z Datasheet(PDF) 1 Page - TOKYO KEISO CO.,LTD.

Part # UFS350B41/Z
Description  ULTRASONIC FLOWMETER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

UFS350B41/Z Datasheet(HTML) 1 Page - TOKYO KEISO CO.,LTD.

  UFS350B41/Z Datasheet HTML 1Page - TOKYO KEISO CO.,LTD. UFS350B41/Z Datasheet HTML 2Page - TOKYO KEISO CO.,LTD. UFS350B41/Z Datasheet HTML 3Page - TOKYO KEISO CO.,LTD. UFS350B41/Z Datasheet HTML 4Page - TOKYO KEISO CO.,LTD. UFS350B41/Z Datasheet HTML 5Page - TOKYO KEISO CO.,LTD. UFS350B41/Z Datasheet HTML 6Page - TOKYO KEISO CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
OUTLINE
Our clamp-on type Ultrasonic Flowmeter UL350 has enabled ap-
plications to piping in various kinds by enhancing the permeation
property of ultrasonic wave. “Time-Flight” type flowmeter is capable
of measuring a flow rate of metallic and plastic piping ranging from
25 to 1000 mm in nominal diameter.
A detector (an ultrasonic sensor) is mounted outside an existing
piping by clamping method, so that it does not get into contact
with the measuring fluid at all, and there are no concerns about the
mixture of solid material and metallic ion into the fluid, the corrosion
of sensor by chemical, and the pressure loss by installing the flow-
meter.
FEATURES
❏ The sensor of ultrasonic flowmeter UL350 is clamped on just
outside of an existing pipe without any piping modification and
time consuming installation work.
❏ By adopting a DSP and an AD converters, the flow measurement
has been speeded up, and the resistance to bubbles has been
improved.
❏ Because of the noncontact measurement method, the formation
of bubbles and the mixture of metallic ion have been completely
prevented.
❏ Installing the flowmeter does not cause the pressure loss
because of no obstacles in the measuring pipe.
❏ The ultrasonic flowmeter is not affected by the pressure or con-
ductivity of fluids.
❏ Excellent in long-term stability because of no moving part.
❏ Providing the following functions: Forward/backward flow rate
display, totalizing display, analog output, pulse output, status
output.
❏ Capable of controlling the flow rate with digital data by RS-485
serial output. (Forward/backward flow rate output, totalizing
output, and status output by the Modbus protocol)
❏ A multi-drop connecting method has greatly reduced the signal
wire.
❏ Complied with RoHS. Applying for EMC standards.
MEASUREMENT PRINCIPLE
CLAMP-ON TYPE
UL350
ULTRASONIC FLOWMETER
As shown in Fig. 1, an ultrasonic is transferred from A to B and B to
A in turn with a angle of
ψ. The required durations of transfer of two
directions are different when measuring medium is moving from up
stream to down stream. The durations of transfer are expressed by
the following formula.
tAB = L / (Co + Vm COS
ψ)
tBA = L / (Co – Vm COS
ψ)
Where
L
:Distance between A and B
Vm
:Average velocity of medium
Co
:Sonic speed in stable medium
tAB, tBA :Duration of transfer of Ultra Sonic from A to B and B to A
By measuring the difference of the transfer duration, the average
velocity of medium can be calculated. The calculation is done by
the following formula:
2Vm cos
ψ = L / tAB – L/tBA
ψ = L (tBA – tAB) / (tBA × tAB)
Vm = L (tBA – tAB) / (2cos
ψ × tBA × tAB)
The distance between A and B (L) and the angle (
ψ) are known, and
the average velocity is mathematically calculated.
B
Vm
VBA
VBA
L
A
A
B
Ψ
Fig. 1
TG-F2334-E00
1st edition Dec 2022 K


Similar Part No. - UFS350B41/Z

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UFS350 MICROSEMI-UFS350 Datasheet
97Kb / 2P
ULTRA FAST RECOVERY RECTIFIERS
More results

Similar Description - UFS350B41/Z

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDS6-58F FUJI-EDS6-58F Datasheet
589Kb / 6P
PORTABLE TYPE ULTRASONIC FLOWMETER(PORTAFLOW)
EDS6-123I FUJI-EDS6-123I Datasheet
907Kb / 8P
ULTRASONIC FLOWMETER < M-Flow PW>
EDS6-132F FUJI-EDS6-132F Datasheet
540Kb / 12P
HYBRID ULTRASONIC FLOWMETER (Pulse Doppler method Transit Time method)
EDS6-141D FUJI-EDS6-141D Datasheet
1,019Kb / 12P
ULTRASONIC FLOWMETER(2-Path System type)
EDSX6-71L FUJI-EDSX6-71L Datasheet
276Kb / 8P
ULTRASONIC FLOWMETER < TIME DELTAS (Standard Type)>
EDSX6-95F FUJI-EDSX6-95F Datasheet
245Kb / 8P
PORTABLE TYPE ULTRASONIC FLOWMETER(PORTAFLOWX)
EDSX6-111E FUJI-EDSX6-111E Datasheet
293Kb / 8P
ULTRASONIC FLOWMETER < TIME DELTAF (Flexible Type)>
EDSX6-139H FUJI-EDSX6-139H Datasheet
1Mb / 12P
PORTABLE TYPE ULTRASONIC FLOWMETER (PORTAFLOW-C)
EDSX6-140D FUJI-EDSX6-140D Datasheet
1Mb / 12P
ULTRASONIC FLOWMETER
logo
Fairchild Semiconductor
FDT-21W FAIRCHILD-FDT-21W Datasheet
411Kb / 2P
Wall Mount Ultrasonic FlowMeter For Clean Liquids
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com