Electronic Components Datasheet Search
  English  ▼

X  

J177 Datasheet(PDF) 2 Page - InterFET Corporation

Part # J177
Description  P-Channel JFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERFET [InterFET Corporation]
Direct Link  http://www.interfet.com
Logo INTERFET - InterFET Corporation

J177 Datasheet(HTML) 2 Page - InterFET Corporation

  J177 Datasheet HTML 1Page - InterFET Corporation J177 Datasheet HTML 2Page - InterFET Corporation J177 Datasheet HTML 3Page - InterFET Corporation J177 Datasheet HTML 4Page - InterFET Corporation J177 Datasheet HTML 5Page - InterFET Corporation J177 Datasheet HTML 6Page - InterFET Corporation J177 Datasheet HTML 7Page - InterFET Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2 of 7
https://www.InterFET.com
InterFET Corporation
November, 2023
InterFET
Product
Folder
Technical
Support
Order
Now
Order
Now
J176-7
Document Number: IF35089 Rev A01
J176-7
Electrical Characteristics
Static Characteristics (@ TA = 25°C, Unless otherwise specified)
Parameters
Conditions
J176
J177
Unit
Min
Max
Min
Max
V(BR)GSS
Gate to Source
Breakdown Voltage
VDS = 0V, IG = 1μA
30
30
V
IGSS
Gate to Source
Reverse Current
VGS = 20V, VDS = 0V
1
1
nA
VGS(OFF)
Gate to Source
Cutoff Voltage
VDS = -15V, ID = -10nA
1
4
0.8
2.25
V
IDSS
Drain to Source
Saturation Current
VGS = 0V, VDS = -15V
(Pulsed)
-2
-35
-1.5
-20
mA
ID(OFF)
Drain Cutoff Current
VDS = -15V, VGS = 10V
-1
-1
nA
Dynamic Characteristics (@ TA = 25°C, Unless otherwise specified)
Parameters
Conditions
J176
J177
Unit
Min
Max
Min
Max
RDS(ON)
Drain to Source
ON Resistance
VDS <= 0.1V, VGS = 0V, f = 1kHz
250
300
Ω
Cgd
Drain Gate
Capacitance
VDS = 0V, VGS = 10V, f = 1MHz
5.5 (typ)
5.5 (typ)
pF
Cgs
Input Capacitance
VDS = 0V, VGS = 10V, f = 1MHz
5.5 (typ)
5.5 (typ)
pF
Cgd + Cgs
Drain + Source Gate
Capacitance
VDS = VGS = 0V, f = 1MHz
32 (typ)
32 (typ)
pF
td(ON)
Turn ON Delay Time
VDD = -6V
J176: VGS(OFF) = 6V, RL = 5600 Ω
J177: VGS(OFF) = 3V, RL = 10000 Ω
15 (typ)
20 (typ)
ns
tr
Rise Time
20 (typ)
25 (typ)
ns
td(OFF)
Turn OFF Delay Time
15 (typ)
20 (typ)
ns
tf
Fall Time
20 (typ)
25 (typ)
ns
Maximum Ratings (@ T
A
= 25°C, Unless otherwise specified)
Parameters
SOT-23
TO-92
Unit
VRGS Reverse Gate Source and Gate Drain Voltage
-20
-20
V
IFG
Continuous Forward Gate Current
50
50
mA
PD
Continuous Device Power Dissipation¹
350
500
mW
P
Power Derating1
2.8
4
mW/°C
TJ
Operating Junction Temperature
-55 to 150
-55 to 150
°C
TSTG Storage Temperature
-55 to 150
-55 to 150
°C
1 Thermal power dissipation and derating values obtained with gate pin (substrate) thermally connected to pad and/or internal layer.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com