Electronic Components Datasheet Search
  English  ▼

X  

W-2000 Datasheet(PDF) 3 Page - TOKYO KEISO CO.,LTD.

Part # W-2000
Description  MINI-WHEEL FLOWMETER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

W-2000 Datasheet(HTML) 3 Page - TOKYO KEISO CO.,LTD.

  W-2000 Datasheet HTML 1Page - TOKYO KEISO CO.,LTD. W-2000 Datasheet HTML 2Page - TOKYO KEISO CO.,LTD. W-2000 Datasheet HTML 3Page - TOKYO KEISO CO.,LTD. W-2000 Datasheet HTML 4Page - TOKYO KEISO CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DIMENSIONS AND CONSTRUCTION
No.
Name
Material group 1
for cooling water, etc.
Material group 2
for non-carbon service
Material group 3
for Fluorinert, Galden, etc
Material group 6
(Water hammer resistant*)
1
Wheel (Impeller)
PPS (Magnet mold)
PPS (Magnet mold)
PPS (Magnet mold)
PPS (Magnet mold)
2
Bearing
Carbon-containing PTFE
Glass-containing PTFE
Carbon-containing PTFE
Carbon-containing PTFE
3
Shaft
Quartz glass
Quartz glass
Quartz glass
Sapphire
4
Bush
PTFE
PTFE
Carbon-containing PTFE
Carbon-containing PTFE
5
Flow path body
SCS14
6
Monitoring
window
See MODEL CODE
7
O-ring
See MODEL CODE
8
Cover plate
SUS316
9
Cover
Polycarbonate
10
Cable
PVC sheath
* Compared to other material groups, the shaft breakage strength-based resistance against water hammers has increased. However, this
enhancement still may not be sufficient. Note that application of repeated stress such as from water hammers may damage the shaft and
other parts.
[Connection Rc3/8], [Connection Rc1/2]
Connection
L
H1
H2
W1
W2
Mass*
Rc3/8
55
40.5
12
51
19
240g
Rc1/2
70
43
14.5
55
22
290g
* With the window made of polycarbonate
[Connection Rc3/4]
Connection
L
H1
H2
W1
W2
Mass*
Rc3/4
80
49.5
17
59
22
400g
* With the window made of polycarbonate
W-2000 MINI-WHEEL FLOWMETER
TG-F2393-E00
TOKYO KEISO CO., LTD.
3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com