Electronic Components Datasheet Search
  English  ▼

X  

KRC421 Datasheet(PDF) 4 Page - KEC(Korea Electronics)

Part # KRC421
Description  EPITAXIAL PLANAR NPN TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KRC421 Datasheet(HTML) 4 Page - KEC(Korea Electronics)

  KRC421 Datasheet HTML 1Page - KEC(Korea Electronics) KRC421 Datasheet HTML 2Page - KEC(Korea Electronics) KRC421 Datasheet HTML 3Page - KEC(Korea Electronics) KRC421 Datasheet HTML 4Page - KEC(Korea Electronics) KRC421 Datasheet HTML 5Page - KEC(Korea Electronics) KRC421 Datasheet HTML 6Page - KEC(Korea Electronics) KRC421 Datasheet HTML 7Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4/
KRC416~KRC422
I
- V
I(ON)
INPUT ON VOLTAGE V
(V)
O
I(ON)
INPUT ON VOLTAGE V
(V)
I(ON)
I
- V
O
I(ON)
INPUT OFF VOLTAGE V
(V)
I(OFF)
I
- V
O
I(OFF)
OUTPUT CURRENT I
(mA)
O
G
-
I
I
O
INPUT OFF VOLTAGE V
(V)
I(OFF)
I
- V
O
I(OFF)
OUTPUT CURRENT I
(mA)
O
G
-
I
I
O
1.2
V
=5V
500
0.4
50
30
100
300
0.2
0.8
0.6
1.0
1k
3k
KRC419
1.4
O
1.6
1.8
1.2
V
=5V
500
0.4
0
50
30
100
300
0.2
0.8
0.6
1.0
1k
3k
KRC418
1.4
O
Ta=100 C
0.3
10
0.1
0.5
0.3
1
3
5
100
50
30
KRC418
V
=0.2V
O
13
Ta=-25 C
Ta=25 C
10
O
V
=0.2V
10
0.3
Ta=100 C
0.1
0.3
0.5
1
5
3
13
Ta=25 C
Ta=-25 C
100
50
30
KRC419
10
3
1
10
V
=5V
10
30
100
O
50
30
100
200
KRC418
Ta=100
C
Ta=25 C
Ta=-25 C
3
1
10
30
50
100
200
KRC419
V
=5V
10
30
100
O
Ta=100
C
Ta=25 C
Ta=-25 C
2021. 04. 07
Revision No : 6



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com