Electronic Components Datasheet Search
  English  ▼

X  

CP18 Datasheet(PDF) 1 Page - FLEXTRAL

Part # CP18
Description  CP18 Compo Cargo Vapor Hose
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FLEXTRAL [FLEXTRAL]
Direct Link  https://flextral.com/
Logo FLEXTRAL - FLEXTRAL

CP18 Datasheet(HTML) 1 Page - FLEXTRAL

  CP18 Datasheet HTML 1Page - FLEXTRAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CP18 Compo Cargo Vapor Hose
www.
.com
V04.21
Yellow Band
4” Wide
Application:
General purpose hose ideal for use in petroleum and petrochemical vapor recovery systems.
CP18 is manufactured according to the BS 3492 - BX Class 1 for aviation fuels. Complies with
USCG Marine Vapor control system 33CFR Part 154.810. 100% anti-static, electrically continuous.
Meets EN, CE, U.S. Coast Guard requirements, NAHAD Guidelines, DNV Approved. ATEX on
request.
Construction:
CP18 is a multi-layer thermoplastic hose manufactured from polypropylene, polyethylene,
polyester films and polypropylene fabrics, with a weather-proof and abrasion resistant outer
cover made of polymeric coated polyester fabric. All the different layers are wrapped together and
tensioned between galvanized internal and external wires. This enables our product to meet the
requirement of the petrol-chemical industry and those of the oil tank truck industry.
Branding - FLEXTRAL CP18-800 8” VAPOR RECOVERY HOSE 100 PSI MAX WP GG
Temperature Range:
-20°C to +80°C (-4°F to +176°F)
Part No.
I.D.
Inches
Max W.P.
PSI
Bend Radius
Inches
Weight
lbs / ft
Vacuum
Standard
Lengths
CP18-800
8
150
29.0
7.19
Full
131’
Note: Flextral vapor recovery hoses are manufactured to meet or exceed U.S. Coast Guard
requirements in Federal Register volume 33 CFR chapter 1, sub-titled “Vapor Recovery
Connections” paragraph 154-810 dated 7.1.98. All vapor recovery hose are manufactured with
a bright yellow cover and 2” VAPOR logo. Each are marked red/yellow/red on each end and
flanges have .625 pilot holes on each end.
Sizes: Other sizes available upon request.
Red Band
4” Wide
Red Band
4” Wide
Hose End
R
E
D
R
E
D
Y
E
L
L
O
W
3.3’


Similar Part No. - CP18

ManufacturerPart #DatasheetDescription
logo
FOTEK CONTROLS CO., LTD...
CP18-30N FOTEK-CP18-30N Datasheet
337Kb / 2P
Capacitive proximity sensor
CP18-30P FOTEK-CP18-30P Datasheet
337Kb / 2P
Capacitive proximity sensor
logo
CUI INC
CP18-M CUI-CP18-M Datasheet
787Kb / 5P
PELTIER MODULE
07/08/2020
logo
Same Sky Devices
CP18-M SAMESKY-CP18-M Datasheet
731Kb / 5P
PELTIER MODULE
09/12/2024
logo
RFHIC
CP180 RFHIC-CP180 Datasheet
155Kb / 2P
Directional Coupler
More results

Similar Description - CP18

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
866-A ETC2-866-A Datasheet
166Kb / 4P
HALF-WAVE MERCURY-VAPOR RECTIFIER
logo
Ralston Instruments.
1M1M-HOS-3FT RALSTON-1M1M-HOS-3FT Datasheet
295Kb / 1P
Quick-test hose
1P1P-HOS-3FT RALSTON-1P1P-HOS-3FT Datasheet
299Kb / 1P
Quick-test hose
2M2M-HOS-3FT RALSTON-2M2M-HOS-3FT Datasheet
301Kb / 1P
Quick-test hose
2S2S-HOS-3FT RALSTON-2S2S-HOS-3FT Datasheet
290Kb / 1P
Quick-test hose
QTQT-HOS-100FT RALSTON-QTQT-HOS-100FT Datasheet
361Kb / 1P
Quick-test hose, brass hose ends
logo
Rohm
BD3490FV-E2 ROHM-BD3490FV-E2 Datasheet
614Kb / 5P
Audio Sound Processor for mini compo, micro compo, TV, radio cassette recorder
logo
MKS Instruments.
1150C MKS-1150C Datasheet
202Kb / 4P
vapor source mass-flo controllers
logo
T-Global Technology
TGVC TGLOBAL-TGVC Datasheet
684Kb / 1P
Vapor Chamber
20220628
logo
List of Unclassifed Man...
872A ETC-872A Datasheet
289Kb / 2P
872A 872 MERCURY VAPOR RECTIFIER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com