Electronic Components Datasheet Search
  English  ▼

X  

CP50 Datasheet(PDF) 1 Page - FLEXTRAL

Part # CP50
Description  CP50 Compo Water Pump Hose
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FLEXTRAL [FLEXTRAL]
Direct Link  https://flextral.com/
Logo FLEXTRAL - FLEXTRAL

CP50 Datasheet(HTML) 1 Page - FLEXTRAL

  CP50 Datasheet HTML 1Page - FLEXTRAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CP50 Compo Water Pump Hose
www.
.com
V04.21
CP50 Compo Water Pump Hose Assemblies
Part No.
I.D.
Inches
Max W.P.
PSI
Bend Radius
Inches
Weight
lbs / ft
Standard
Lengths
CP50-400
4
200
16.0
3.29
131’
CP50-600
6
200
23.0
8.67
131’
CP50-800
8
200
31.0
13.51
131’
CP50-1000
10
200
39.0
17.81
82’
CP50-1200
12
200
47.0
21.37
82’
*Other wire variations available upon request.
Application:
CP50 is a heavy-duty composite hose for the suction and discharge of water. CP50 is used
in a wide variety of pump applications. All CP50 hoses come standard with 150# Fixed x
Floating Flanges.
Construction:
Tube - Multiple layers of polypropylene fabrics
Reinforcement - Internal and external galvanized carbon steel wire
Cover - Blue, weather-proof and abrasion resistant polymeric coated polyester fabric
Branding - FLEXTRAL CP50-400 4” COMPO WATER HOSE 200 PSI MAX WP
Temperature:
-40°C to +81°C (-40°F to +178°F)
Part No.
Hose
Size & Length
End 1
End 2
Attaching
Method
CP50-400FLXF010-CS-1
4" x 10'
150# Fixed Flange 150# Floating Flange
Crimped
CP50-400FLXF020-CS-1
4" x 20'
150# Fixed Flange 150# Floating Flange
Crimped
CP50-600FLXF010-CS-1
6" x 10'
150# Fixed Flange 150# Floating Flange
Crimped
CP50-600FLXF020-CS-1
6" x 20'
150# Fixed Flange 150# Floating Flange
Crimped
CP50-800FLXF010-CS-1
8" x 10'
150# Fixed Flange 150# Floating Flange
Crimped
CP50-800FLXF020-CS-1
8" x 20'
150# Fixed Flange 150# Floating Flange
Crimped
CP50-1000FLXF010-CS-1
10" x 10'
150# Fixed Flange 150# Floating Flange
Crimped
CP50-1000FLXF020-CS-1
10" x 20'
150# Fixed Flange 150# Floating Flange
Crimped
CP50-1200FLXF010-CS-1
12" x 10'
150# Fixed Flange 150# Floating Flange
Crimped
CP50-1200FLXF020-CS-1
12" x 20'
150# Fixed Flange 150# Floating Flange
Crimped


Similar Part No. - CP50

ManufacturerPart #DatasheetDescription
logo
CUI INC
CP50 CUI-CP50 Datasheet
691Kb / 8P
PELTIER MODULE
CP50 CUI-CP50 Datasheet
701Kb / 8P
PELTIER MODULE
logo
Yealink Inc.
CP50 YEALINK-CP50 Datasheet
2Mb / 5P
Multi-unit cascading
logo
CUI INC
CP50-2 CUI-CP50-2 Datasheet
329Kb / 4P
PELTIER MODULE
logo
Teledyne Technologies I...
CP500 TELEDYNE-CP500 Datasheet
3Mb / 16P
High Definition Oscilloscopes
More results

Similar Description - CP50

ManufacturerPart #DatasheetDescription
logo
Ralston Instruments.
2M2M-HOS-3FT RALSTON-2M2M-HOS-3FT Datasheet
301Kb / 1P
Quick-test hose
DP0V-0000 RALSTON-DP0V-0000 Datasheet
321Kb / 1P
DP0V pump, no gauge adapter, with hose and process connection
DPPV-0000 RALSTON-DPPV-0000 Datasheet
319Kb / 1P
DPPV pump, no gauge adapter, with hose and process connection
DV0V-0000 RALSTON-DV0V-0000 Datasheet
321Kb / 1P
DV0V pump, no gauge adapter, with hose and process connection
QTQT-HOS-100FT RALSTON-QTQT-HOS-100FT Datasheet
361Kb / 1P
Quick-test hose, brass hose ends
logo
Rohm
BD3490FV-E2 ROHM-BD3490FV-E2 Datasheet
614Kb / 5P
Audio Sound Processor for mini compo, micro compo, TV, radio cassette recorder
logo
List of Unclassifed Man...
1680222 ETC2-1680222 Datasheet
121Kb / 1P
Water Pump Plier
logo
Ralston Instruments.
XHGV-5KPSIG-D RALSTON-XHGV-5KPSIG-D Datasheet
566Kb / 2P
XHGV (5000 psi / 350 bar) pump, 5000 psi digital gauge, 3ft hose, 1/4
XHGV-5KPSIG-M RALSTON-XHGV-5KPSIG-M Datasheet
562Kb / 2P
XHGV (5000 psi / 350 bar) pump, 5000 psi analog gauge, 3ft hose, 1/4
logo
Eaton All Rights Reserv...
MPL5271 EATON-MPL5271 Datasheet
94Kb / 2P
Eaton power pedestal water assemblies, Stainless steel silcock (hose bib),Stainless steel, 3/4 in
2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com