Electronic Components Datasheet Search
  English  ▼

X  

DR40 Datasheet(PDF) 1 Page - FLEXTRAL

Part # DR40
Description  DR40 10K Cementing & Mud Hose
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FLEXTRAL [FLEXTRAL]
Direct Link  https://flextral.com/
Logo FLEXTRAL - FLEXTRAL

DR40 Datasheet(HTML) 1 Page - FLEXTRAL

  DR40 Datasheet HTML 1Page - FLEXTRAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DR40 10K Cementing & Mud Hose
www.
.com
Tube: Nitrile
Reinforcement: Six spiral layers of high-tensile steel wire
Cover: Black, oil, abrasion, and weather resistant synthetic rubber
Temperature: -20°C to +100°C (-4°F to +212°F)
Packaging: Coils
Application: Used as a high-pressure connection between the cementing pump and head for conveyance of
high-pressure cement slurries or drill mud.
Branding: FLEXTRAL DR40-200 2” Cementing and Mud Hose 10000 PSI MAX Test Pressure 15000 PSI
Burst Ratio 2,25:1
PART
NUMBER
HOSE
I.D.
HOSE
O.D.
MAX
W.P.
MIN. BEND
RADIUS
WEIGHT
TWO PIECE
Skive
(in)
(in)
(mm)
(psi)
(in)
(mm)
(lbs/ft)
COUPLINGS
DR40-200
2
2.95
74.9
10,000
23.6
600
5.05
C
*Call for additional fittings, lengths and assemblies.
Note: Not to be used for high-pressure air.
V06.21
INTEGRAL 1502 UNION FOR SPIRAL HOSE
FERRULE
NPT MALE (API)
Part No.
I.D.
Inches
C32-32MPA
2
C-MPA
Part No.
I.D.
Inches
C32-32FHU1502
2
C32-32FHU1502
Part No.
I.D.
Inches
C32-32MHU1502
2
C32-32MHU1502-NUT
Part No.
I.D.
Inches
C-32
2
C-32 Ferrule


Similar Part No. - DR40

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DR400 ETC-DR400 Datasheet
568Kb / 2P
Digital Readout Dials
logo
RF Monolithics, Inc
DR4000 RFM-DR4000 Datasheet
102Kb / 2P
916.50 MHz Transmitter Module
logo
Murata Manufacturing Co...
DR4000 MURATA-DR4000 Datasheet
275Kb / 2P
916.50 MHz Transmitter Module
logo
RF Monolithics, Inc
DR4001 RFM-DR4001 Datasheet
102Kb / 2P
Transmitter Module
logo
Murata Manufacturing Co...
DR4001 MURATA-DR4001 Datasheet
275Kb / 2P
868.35 MHz Transmitter Module
More results

Similar Description - DR40

ManufacturerPart #DatasheetDescription
logo
Ralston Instruments.
1M1M-HOS-3FT RALSTON-1M1M-HOS-3FT Datasheet
295Kb / 1P
Quick-test hose
1P1P-HOS-3FT RALSTON-1P1P-HOS-3FT Datasheet
299Kb / 1P
Quick-test hose
1S1S-HOS-3FT RALSTON-1S1S-HOS-3FT Datasheet
295Kb / 1P
Quick-test hose
2M2M-HOS-3FT RALSTON-2M2M-HOS-3FT Datasheet
301Kb / 1P
Quick-test hose
2S2S-HOS-3FT RALSTON-2S2S-HOS-3FT Datasheet
290Kb / 1P
Quick-test hose
QTQT-HOS-100FT RALSTON-QTQT-HOS-100FT Datasheet
361Kb / 1P
Quick-test hose, brass hose ends
QSQS-HOS-100FT RALSTON-QSQS-HOS-100FT_14 Datasheet
264Kb / 1P
Quick-test 6900 psi hose, S.S. hose ends, 100 ft (30.1 m) long (with hose reel)
QTQT-HOS-50FT RALSTON-QTQT-HOS-50FT Datasheet
263Kb / 1P
Quick-test 6900 psi hose, brass hose ends, 50 ft (15.2 m) long (with hose reel)
QSQS-HOS-100FT RALSTON-QSQS-HOS-100FT Datasheet
327Kb / 1P
Quick-test 6900 psi hose, S.S. hose ends, 100 ft (30.1 m) long (with hose reel)
logo
SparkFun Electronics
COM-09806 SPARKFUN-COM-09806 Datasheet
93Kb / 1P
Trimpot 10K with Knob
5??5??7
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com