Electronic Components Datasheet Search
  English  ▼

X  

MMBT5401 Datasheet(PDF) 1 Page - Lite-On Technology Corporation

Part # MMBT5401
Description  PNP General Purpose Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

MMBT5401 Datasheet(HTML) 1 Page - Lite-On Technology Corporation

  MMBT5401 Datasheet HTML 1Page - Lite-On Technology Corporation MMBT5401 Datasheet HTML 2Page - Lite-On Technology Corporation MMBT5401 Datasheet HTML 3Page - Lite-On Technology Corporation MMBT5401 Datasheet HTML 4Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MMBT5401
PNP General Purpose Transistor
FEATURES
• Ideal for Medium Power Amplification and
Switching
• Complementary PNP Type available(MMBT5551)
MECHANICAL DATA
• Case: SOT-23 Plastic
• Case material: “Green” molding compound, UL
flammability classification 94V-0, (No Br. Sb. CI)
• Lead Free in RoHS 2002/95/EC Compliant
Maximum Ratings @ TA = 25℃
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
-160
V
Collector-Emitter Voltage
VCEO
-150
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current -Continuous
IC
-600
mA
Collector Power Dissipation
PC
300
mW
Junction Temperature
TJ
150
℃
Storage Temperature Range
TSTG
-55~+150
℃
Electrical Characteristics @ TA = 25℃ unless otherwise specified
Characteristic
Test Condition
Symbol
Min.
Typ.
Max.
Unit
Collector-base breakdown voltage
IC=-100µA,IE=0
VCBO
-160
V
Collector-emitter breakdown voltage
IC=-1mA,IB=0
VCEO
-150
V
Emitter-base breakdown voltage
IE=-10µA,IC=0
VEBO
-5
V
Collector-base cut-off current
VCB=-120V,IE=0
ICBO
-0.1
uA
Emitter-base cut-off current
VEB=-4V,IC=0
IEBO
-0.1
uA
VCE=-5V,IC=-1mA
hFE1
80
VCE=-5V,IC=-10mA
hFE2
100
300
DC current gain
VCE=-5V,IC=-50mA
hFE3
50
Collector-emitter saturation voltage
IC=-50mA,IB=-5mA
VCE(sat)
-0.5
V
Base-emitter saturation voltage
IC=-50mA,IB=-5mA
VBE(sat)
-1
V
Transition frequency
VCE=-5V,IC=-10mA,
f=30MHz
fT
100
MHz
REV. 2, Jun-2012, KSPR15


Similar Part No. - MMBT5401

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MMBT5401 TRSYS-MMBT5401 Datasheet
171Kb / 2P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Zowie Technology Corpor...
MMBT5401 ZOWIE-MMBT5401 Datasheet
83Kb / 4P
HIGH VOLTAGE TRANSISTOR PNP SILICON
logo
Fairchild Semiconductor
MMBT5401 FAIRCHILD-MMBT5401 Datasheet
109Kb / 4P
PNP General Purpose Amplifier
logo
Diodes Incorporated
MMBT5401 DIODES-MMBT5401 Datasheet
47Kb / 2P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30057 Rev. 3 - 2
logo
Fairchild Semiconductor
MMBT5401 FAIRCHILD-MMBT5401 Datasheet
67Kb / 6P
PNP General Purpose Amplifier
More results

Similar Description - MMBT5401

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2N5087 PHILIPS-2N5087 Datasheet
49Kb / 8P
PNP general purpose transistor
1997 Jul 02
2PB710A PHILIPS-2PB710A Datasheet
42Kb / 8P
PNP general purpose transistor
1999 May 31
BC807W PHILIPS-BC807W Datasheet
61Kb / 8P
PNP general purpose transistor
1999 May 18
ED1602 PHILIPS-ED1602 Datasheet
42Kb / 8P
PNP general purpose transistor
1999 Apr 27
logo
Rohm
UMT3906 ROHM-UMT3906 Datasheet
169Kb / 4P
PNP General Purpose Transistor
logo
Galaxy Semi-Conductor H...
MMBT589 BILIN-MMBT589 Datasheet
198Kb / 4P
PNP General Purpose Transistor
logo
Chenmko Enterprise Co. ...
2SA1037MPT CHENMKO-2SA1037MPT Datasheet
136Kb / 3P
General Purpose PNP Transistor
logo
Weitron Technology
2SB1116 WEITRON-2SB1116 Datasheet
505Kb / 4P
PNP General Purpose Transistor
logo
ON Semiconductor
NST857BF3T5G ONSEMI-NST857BF3T5G Datasheet
96Kb / 4P
PNP General Purpose Transistor
April, 2008 ??Rev. 0
NST3906F3T5G ONSEMI-NST3906F3T5G Datasheet
98Kb / 4P
PNP General Purpose Transistor
April, 2008 ??Rev. 0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com