Electronic Components Datasheet Search
  English  ▼

X  

MT7603E Datasheet(PDF) 1 Page - Maxic Technology Corporation

Part # MT7603E
Description  Linear Constant – Current LED Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIC [Maxic Technology Corporation]
Direct Link  http://www.maxictech.com/
Logo MAXIC - Maxic Technology Corporation

MT7603E Datasheet(HTML) 1 Page - Maxic Technology Corporation

  MT7603E Datasheet HTML 1Page - Maxic Technology Corporation MT7603E Datasheet HTML 2Page - Maxic Technology Corporation MT7603E Datasheet HTML 3Page - Maxic Technology Corporation MT7603E Datasheet HTML 4Page - Maxic Technology Corporation MT7603E Datasheet HTML 5Page - Maxic Technology Corporation MT7603E Datasheet HTML 6Page - Maxic Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MT7603
Maximizing IC Performance
Linear Constant – Current LED Driver
Rev. 1.00
Page 1
DESCRIPTION
MT7603 is a high voltage linear constant-current
LED driver
. It’s designed to drive LED string
directly from 110VAC/220VAC mains.
The system can easily pass EMI without inductor,
transformer or other magnetic components, it
can achieve simplified peripheral circuit and low
BOM cost. The application of high power can be
achieved by controlling the MOS temperature.
The output current can be set by external resistor.
With
Maxic’s proprietary linear compensation
technology, MT7603 can achieve constant power
output when the input voltage is variable.
FEATURES
Supports high power application with
external MOS
High precision constant current
Supports linear voltage compensation
Both of With/without electrolytic capacitor
schemes are supported
High power factor application
Low EMI interference
Available in SOT23-6 package
APPLICATION
Fluorescent, candle lamp
Bulb, decorative lamp
Street lamp
Typical Application Circuit
GND
VDD
VLINE
NC
GATE
MT7603
Vin_ac
CS
VLED+
VLED-
R1
C1
R2
Q1
2
4
1
3
6
5
For buy, please contact: info@chimicron.com
Skype:info@chimicron.com
www.chimicron.com
For buy, please contact: info@chimicron.com
Skype:info@chimicron.com
www.chimicron.com


Similar Part No. - MT7603E

ManufacturerPart #DatasheetDescription
logo
Maxic Technology Corpor...
MT7603 MAXIC-MT7603 Datasheet
98Kb / 1P
Linear Constant - Current LED Driver
More results

Similar Description - MT7603E

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
CL525 SUTEX-CL525 Datasheet
827Kb / 6P
Linear, Fixed Constant Current LED Driver
logo
E-CMOS Corporation
EC4211 E-CMOS-EC4211 Datasheet
482Kb / 8P
Constant Current Linear LED Driver
logo
Maxic Technology Corpor...
MT7603 MAXIC-MT7603 Datasheet
98Kb / 1P
Linear Constant - Current LED Driver
MT7604 MAXIC-MT7604 Datasheet
99Kb / 1P
Linear Constant - Current LED Driver
logo
Shenzhen Huazhimei Semi...
HM7164 HMSEMI-HM7164 Datasheet
515Kb / 6P
Segmented linear constant current LED driver
HM7135 HMSEMI-HM7135 Datasheet
420Kb / 7P
Linear buck LED constant current driver
logo
Maxic Technology Corpor...
MT7651H MAXIC-MT7651H Datasheet
80Kb / 1P
Linear Dimmable Constant Current LED Driver
MT7651L MAXIC-MT7651L Datasheet
80Kb / 1P
Linear Dimmable Constant Current LED Driver
MT7652H MAXIC-MT7652H Datasheet
79Kb / 1P
Linear Dimmable Constant Current LED Driver
MT7652L MAXIC-MT7652L Datasheet
79Kb / 1P
Linear Dimmable Constant Current LED Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com