Electronic Components Datasheet Search
  English  ▼

X  

24AA08 Datasheet(PDF) 1 Page - Microchip Technology

Part # 24AA08
Description  8K I2C Serial EEPROM
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24AA08 Datasheet(HTML) 1 Page - Microchip Technology

  24AA08 Datasheet HTML 1Page - Microchip Technology 24AA08 Datasheet HTML 2Page - Microchip Technology 24AA08 Datasheet HTML 3Page - Microchip Technology 24AA08 Datasheet HTML 4Page - Microchip Technology 24AA08 Datasheet HTML 5Page - Microchip Technology 24AA08 Datasheet HTML 6Page - Microchip Technology 24AA08 Datasheet HTML 7Page - Microchip Technology 24AA08 Datasheet HTML 8Page - Microchip Technology 24AA08 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
 2002-2021 Microchip Technology Inc.
DS20001710N-page 1
24AA08/24LC08B/24FC08
Features
• Single Supply with Operation down to 1.7V for
24AA08 and 24FC08 Devices, 2.5V for 24LC08B
Devices
• Low-Power CMOS Technology:
- Read current 1 mA, maximum
- Standby current 1 µA, maximum (I-temp.)
• Two-Wire Serial Interface, I2C Compatible
• Schmitt Trigger Inputs for Noise Suppression
• Output Slope Control to Eliminate Ground Bounce
• 100 kHz, 400 kHz and 1 MHz Compatibility
• Page Write Time: 5 ms, Maximum
• Self-Timed Erase/Write Cycle
• 16-Byte Page Write Buffer
• Hardware Write-Protect
• ESD Protection >4,000V
• More than 1 Million Erase/Write Cycles
• Data Retention >200 Years
• Factory Programming Available
• RoHS Compliant
• Temperature Ranges:
- Industrial (I): -40°C to +85°C
- Extended (E): -40°C to +125°C
• Automotive AEC-Q100 Qualified
Packages
• 8-Lead DFN, 8-Lead MSOP, 8-Lead PDIP, 8-Lead
SOIC, 5-Lead SOT-23, 8-Lead TDFN, 8-Lead
TSSOP, 8-Lead UDFN and 8-Lead Wettable
Flanks UDFN
Description
The Microchip Technology Inc. 24XX08(1) is an 8-Kbit
Electrically Erasable PROM (EEPROM). The device is
organized as four blocks of 256 x 8-bit memory with a
two-wire serial interface. Its low-voltage design permits
operation down to 1.7V with standby and active
currents of only 1 µA and 1 mA, respectively. The
24XX08 also has a page write capability for up to
16 bytes of data.
Package Types
Device Selection Table
Part Number VCC Range
Max. Clock Frequency
Temp. Ranges
Available Packages
24AA08
1.7V-5.5V
400 kHz(1)
I
MC, MS, P, SN, OT, MNY, ST
24LC08B
2.5V-5.5V
400 kHz
I, E
MC, MS, P, SN, OT, MNY, ST
24FC08
1.7V-5.5V
1 MHz
I, E
MS, P, SN, OT, ST, Q4B, Q6B
Note 1: 100 kHz for VCC <2.5V.
Note 1: 24XX08 is used in this document as a
generic
part
number
for
the
24AA08/24LC08B/24FC08 devices.
1
2
3
4
8
7
6
5
SOIC/TSSOP
DFN/TDFN/UDFN
VSS
WP
SCL
SDA
VCC
SOT-23
Note 1: Pins A0, A1 and A2 are not used by the
24XX08 (no internal connections).
1
2
3
4
8
7
6
5
PDIP/MSOP
WP
SCL
SDA
VCC
1
2
3
4
8
7
6
5
WP
SCL
SDA
VCC
1
2
3
4
8
7
6
5
1
2
3
5
4
SCL
VSS
SDA
VCC
WP
A0(1)
A1(1)
A2(1)
VSS
A0(1)
A1(1)
A2(1)
VSS
A0(1)
A1(1)
A2(1)
(Top view)
(Top view)
(Top view)
(Top view)
8K I2C Serial EEPROM


Similar Part No. - 24AA08

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA08 MICROCHIP-24AA08 Datasheet
93Kb / 12P
4K/8K 1.8V I2C Serial EEPROMs
1996
24AA08 MICROCHIP-24AA08 Datasheet
367Kb / 26P
8K IC SERIAL EEPROM
2008
24AA08 MICROCHIP-24AA08 Datasheet
553Kb / 30P
8K I2C??Serial EEPROM
2009
24AA08 MICROCHIP-24AA08 Datasheet
864Kb / 30P
8K I2C Serial EEPROM
01/02/08
24AA08-E/MC MICROCHIP-24AA08-E/MC Datasheet
367Kb / 26P
8K IC SERIAL EEPROM
2008
More results

Similar Description - 24AA08

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
24LC08 CERAMATE-24LC08 Datasheet
397Kb / 23P
8K-Bit Serial EEPROM
logo
Microchip Technology
24AA08H MICROCHIP-24AA08H Datasheet
777Kb / 28P
8K I2C??Serial EEPROM with Half-Array Write-Protect
2008
24AA08 MICROCHIP-24AA08_09 Datasheet
553Kb / 30P
8K I2C??Serial EEPROM
2009
24LC08BISN MICROCHIP-24LC08BISN Datasheet
1Mb / 40P
8K I2C??Serial EEPROM
2002-2012
24LC08BSN MICROCHIP-24LC08BSN Datasheet
1Mb / 40P
8K I2C??Serial EEPROM
2002-2012
24LC08BIST MICROCHIP-24LC08BIST Datasheet
553Kb / 30P
8K I2C Serial EEPROM
2009
24AA08-IP MICROCHIP-24AA08-IP Datasheet
1Mb / 40P
8K I2C??Serial EEPROM
2002-2012 11/29/11
24LC08BT-IOT MICROCHIP-24LC08BT-IOT Datasheet
1Mb / 40P
8K I2C??Serial EEPROM
11/29/11
24AA08 MICROCHIP-24AA08 Datasheet
864Kb / 30P
8K I2C Serial EEPROM
01/02/08
24AA08H MICROCHIP-24AA08H_13 Datasheet
899Kb / 32P
8K I2C??Serial EEPROM with Half-Array Write-Protect
10/28/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com