Electronic Components Datasheet Search
  English  ▼

X  

24LC08B Datasheet(PDF) 5 Page - Microchip Technology

Part # 24LC08B
Description  8K I2C Serial EEPROM
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC08B Datasheet(HTML) 5 Page - Microchip Technology

  24LC08B Datasheet HTML 1Page - Microchip Technology 24LC08B Datasheet HTML 2Page - Microchip Technology 24LC08B Datasheet HTML 3Page - Microchip Technology 24LC08B Datasheet HTML 4Page - Microchip Technology 24LC08B Datasheet HTML 5Page - Microchip Technology 24LC08B Datasheet HTML 6Page - Microchip Technology 24LC08B Datasheet HTML 7Page - Microchip Technology 24LC08B Datasheet HTML 8Page - Microchip Technology 24LC08B Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 49 page
background image
 2002-2021 Microchip Technology Inc.
DS20001710N-page 5
24AA08/24LC08B/24FC08
FIGURE 1-1:
BUS TIMING DATA
15
TOF
Output Fall Time from VIH
Minimum to VIL Maximum
—250
ns
2.5V ≤ VCC ≤ 5.5V
(Notes 1, Note 3 and Note 4)
—250
ns
1.7V ≤ VCC <2.5V (24AA08)
(Notes 1, Note 3 and Note 4)
16
TSP
Input Filter Spike
Suppression
(SDA and SCL pins)
—50
ns
Note 1
—
100
ns
1.7V ≤ VCC ≤ 5.5V (24FC08) (Note 1)
17
TWC
Write Cycle Time
(byte or page)
—5
ms
18
Endurance
1,000,000
—
cycles +25°C, 5.5V, Page Mode (Note 4)
TABLE 1-2:
AC CHARACTERISTICS (CONTINUED)
AC CHARACTERISTICS (Continued)
Industrial (I): TA = -40°C to +85°C, VCC = +1.7V to +5.5V
Extended (E): TA = -40°C to +125°C, VCC = +2.5V to +5.5V (24LC08B)
Extended (E): TA = -40°C to +125°C, VCC = +1.7V to +5.5V (24FC08)
Param.
No.
Symbol
Characteristic
Min.
Max. Units
Conditions
Note 1: Characterized but not 100% tested.
2: As a transmitter, the device must provide an internal minimum delay time to bridge the undefined region
(minimum 300 ns) of the falling edge of SCL to avoid unintended generation of Start or Stop conditions.
3: CB = total capacitance of one bus line in pF.
4: This parameter is not tested but ensured by characterization.
(unprotected)
(protected)
SCL
SDA
IN
SDA
OUT
WP
5
7
6
16
3
2
89
13
D3
4
10
11
12
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com