Electronic Components Datasheet Search
  English  ▼

X  

LM1111 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1111
Description  DolbyÉ B-Type Noise Reduction Processor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1111 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM1111 Datasheet HTML 1Page - National Semiconductor (TI) LM1111 Datasheet HTML 2Page - National Semiconductor (TI) LM1111 Datasheet HTML 3Page - National Semiconductor (TI) LM1111 Datasheet HTML 4Page - National Semiconductor (TI) LM1111 Datasheet HTML 5Page - National Semiconductor (TI) LM1111 Datasheet HTML 6Page - National Semiconductor (TI) LM1111 Datasheet HTML 7Page - National Semiconductor (TI) LM1111 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Absolute Maximum Ratings
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage
24V
Operating Temperature Range
b
20 Cto a70 C
Storage Temperature Range
b
65 Cto a150 C
Lead Temperature (Soldering 10 sec)
260 C
Electrical Characteristics VS e 12V TA e 25 C 0 dB refers to Dolby level which is 580 mVrms at pin 3
Parameter
Conditions
LM1112A
LM1112B
LM1112C
Units
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Supply Voltage Range
6
20
6
20
6
20
V
Supply Current
15
20
15
20
15
20
mA
Voltage Gain
(Pin 5 – 3)
1 kHz Pins 6 and 12
245
255
265
245
255
265
24
255
27
dB
Connected
(Pin 5 – 6)
1 kHz Pin 6 Open
147
147
147
dB
(Pin 3 – 7)
1 kHz (Noise
b
05
0
05
b
05
0
05
b
10
1
dB
Reduction Out)
Distortion
1 kHz 0 dB
003
01
003
01
003
01
%
10 kHz a10 dB
02
02
02
%
Signal Handling
1 kHz 03% Distortion
VS e 6V
85
85
85
dB
VS e 12V
13
155
13
155
13
155
dB
VS e 18V
19
19
19
dB
SignalNoise Ratio
Pins 6 and 2
at Pin 7 (Note 1)
Connected
Encode Mode
(CCIRARM)
NR In
RS e 10k
715
74
71
74
70
74
dB
RS e 1k
77
77
77
dB
NR Out
RS e 10k
83
83
83
dB
Decode Mode
RS e 10k
83
83
83
dB
(CCIRARM)
Encode Characteristics Input to Pin 5
10 kHz 0 dB
0
05
10
b
02
05
12
b
05
05
15
dB
13 kHz b20 dB
b
162 b157 b152 b167 b157 b147 b172 b157 b142
dB
5 kHz b20 dB
b
173 b168 b163 b178 b168 b158 b183 b168 b153
dB
3 kHz b30 dB
b
217 b212 b207 b222 b212 b202 b227 b212 b197
dB
5 kHz b30 dB
b
223 b218 b213 b228 b218 b208 b233 b218 b203
dB
10 kHz b30 dB
b
240 b235 b230 b245 b235 b225 b250 b235 b220
dB
10 kHz b40 dB
b
301 b296 b291 b303 b296 b289 b306 b296 b286
dB
Input Resistance
Pin 5
45
65
80
45
65
80
45
65
80
kX
Pin 2
43
56
69
43
56
69
43
56
69
kX
Output Resistance
Pin 6
18
24
30
18
24
30
18
24
30
kX
Pin 3
3045
3045
3045
X
Pin 7
3045
3045
3045
X
PSRR
f e 120 Hz
40
40
40
dB
Load Impedance
Pin 3
5
5
5
kX
Pin 7
5
5
5
kX
Note 1
Gaussian noise measured over a period of 50 ms with a CCIR filler and an average responding meter
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com