Electronic Components Datasheet Search
  English  ▼

X  

ST2643 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # ST2643
Description  RF Load 0.25 Watts To 26.5 GHz Gold Plated Beryl­ lium Copper SMP Female
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

ST2643 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  ST2643 Datasheet HTML 1Page - Infinite Electronics International, Inc. ST2643 Datasheet HTML 2Page - Infinite Electronics International, Inc. ST2643 Datasheet HTML 3Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
REV 2.0 Page 1 of 3
Copyright © 2016
RF termination (also called RF load or dummy load) ST2643 from Fairview
Microwave operates from DC to 26.5 GHz and handles up to 0.25 Watt (CW). This
SMP termination (or load) has a female gender. ST2643 SMP load termination
offers 1.35:1 max VSWR.
RF terminations / loads are critical passive components in many RF, microwave
and millimeter wave systems where signal reflection from unused ports can reduce
the signal integrity can potentially damage the device. By terminating an unused
port with a matched load (dummy load), the incident energy will be absorbed with
minimal reflection. These radio frequency termination components are commonly
used to terminate devices such as couplers, circulators, and switches. Loads /
terminations are also widely used in measurement systems to ensure accurate
results. Fairview offers a large selection of in-stock RF, microwave and millimeter
wave terminations up to 65 GHz with great performance over the entire operating
range and with power handling capabilities up to 800 Watts (CW).
Electrical Specifications
Description
Min
Typ
Max
Units
Frequency Range
DC
26.5
GHz
Impedance
50
Ohms
VSWR
1.35:1
Input Power (CW)
0.25
Watts
Mechanical Specifications
Size
Length
0.3 in [7.62 mm]
Width
0.14 in [3.56 mm]
.
Weight
0.01 lbs [4.54 g]
.
Configuration
Connector
SMP Female
Material Specifications
.
Description
Material
Plating
Connector 1 Contact
Beryllium Copper
Gold
50 µ” min.
.
Insulation
PTFE
Body
Beryllium Copper
Gold
50 µ” min.
.
Housing
Beryllium Copper
Gold
.
Environmental Specifications
Temperature
Operating Range
-55 to +125 deg C
ST2643
DATA SHEET
RF Load 0.25 Watts To 26.5 GHz Gold Plated Beryl-
lium Copper SMP Female
Fairview Microwave
1130 Junction Dr. #100
Allen, TX 75013
Tel: 1-800-715-4396 / (972) 649-6678
Fax: (972) 649-6689
www.fairviewmicrowave.com
sales@fairviewmicrowave.com
Features:
• DC to 26.5 GHz Frequency Range
• VSWR 1.35:1 Max
• Max Power 0.25 Watt (CW)
• SMP Female Coaxial Interface
Applications:
• Wireless
• SatCom
• Radar Systems
• Test and Measurement
• Commercial and Military
Communication


Similar Part No. - ST2643

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
ST2645 FAIRVIEW-ST2645 Datasheet
688Kb / 4P
ST2645 DATA SHEET RF Load 0.5 Watts to 26.5 GHz Gold Plated Beryllium Copper SMP Female
REV 2.2
ST2649 FAIRVIEW-ST2649 Datasheet
39Kb / 1P
ALLEN, TX 75013 WWW.FAIRVIEWMICROWAVE.COM THREAD SIZE 10-48 UNS-2A
REV A
More results

Similar Description - ST2643

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6802 PASTERNACK-PE6802 Datasheet
211Kb / 2P
0.5 Watts WR-42 RF Load Up To 26.5 GHz
PE6181 PASTERNACK-PE6181 Datasheet
218Kb / 3P
50 Ohm 0.25 Watts Beryllium Copper SMP Female RF Load Up To 26.5 GHz
PE6182 PASTERNACK-PE6182 Datasheet
219Kb / 3P
50 Ohm 0.25 Watts Beryllium Copper Mini SMP Female RF Load Up To 40 GHz
PE6183 PASTERNACK-PE6183 Datasheet
244Kb / 3P
50 Ohm 0.5 Watts Beryllium Copper SMP Female RF Load Up To 18 GHz
PE6184 PASTERNACK-PE6184 Datasheet
213Kb / 3P
50 Ohm 0.25 Watts Beryllium Copper Mini SMP Female RF Load Up To 18 GHz
PE6160 PASTERNACK-PE6160_16 Datasheet
440Kb / 4P
1 Watt RF Load Up to 18 GHz With SMP Female Input Gold Plated Brass
PE6162 PASTERNACK-PE6162_16 Datasheet
425Kb / 4P
0.5 Watt RF Load Up to 40 GHz With Mini SMP Female Input Gold over Nickel Plated Beryllium Copper
PE6181 PASTERNACK-PE6181_17 Datasheet
354Kb / 3P
SMP Female Input Gold Plated Beryllium Copper
PE6183 PASTERNACK-PE6183_16 Datasheet
421Kb / 3P
0.5 Watt RF Load Up to 18 GHz With SMP Female Input Gold Plated Beryllium Copper
PE6184 PASTERNACK-PE6184_16 Datasheet
420Kb / 3P
0.25 Watt RF Load Up to 18 GHz With Mini SMP Female Input Gold Plated Beryllium Copper
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com