Electronic Components Datasheet Search
  English  ▼

X  

9DB433 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # 9DB433
Description  FOUR OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1–3
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9DB433 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button 9DB433 Datasheet HTML 10Page - Renesas Technology Corp 9DB433 Datasheet HTML 11Page - Renesas Technology Corp 9DB433 Datasheet HTML 12Page - Renesas Technology Corp 9DB433 Datasheet HTML 13Page - Renesas Technology Corp 9DB433 Datasheet HTML 14Page - Renesas Technology Corp 9DB433 Datasheet HTML 15Page - Renesas Technology Corp 9DB433 Datasheet HTML 16Page - Renesas Technology Corp 9DB433 Datasheet HTML 17Page - Renesas Technology Corp 9DB433 Datasheet HTML 18Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
9DB433
FOUR OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1–3
IDT®
FOUR OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1–3
16
9DB433
MAY 25, 2018
Revision History
Issue Date Description
Page #
6/30/2010 Released to final
5/9/2011
1. Update pin 1 pin-name and pin description from VDD to VDDR. This highlights that optimal
performance is obtained by treating VDDR as in analog pin. This is a document update only,
there is no silicon change.
Various
3/13/2012
1. Added additional line to PLL Bandwidth "-3dB point in High BW Mode" conditions for
industrial mode (min1.5, typ 2.7, max 4.1 MHz)
2. Added additional line to Skew, Input to Output "Bypass Mode" conditions for industrial
mode (min 2500, max 4900 ps)
6
7/5/2012
1. Changed references of PCIe Gen3 to PCIe Gen1,2,3
1
7/12/2012 1. Added missing typical values to DS.
Various
9/18/2012
Updated Byte 2, bits 1, 2, 5 and 6 per char review. Outputs can be programmed with Byte 2
to be Stoppable or Free-Run with DIF_Stop pin, not the OE pins.
Various
9/30/2013 Corrected typo in ordering information for 28-SSOP I-temp device.
15
8/14/2015
1. Corrected default value of Byte 2 to 00hex. Added note referring to 9DB434 if FFhex is
the desired default.
11
6/7/2016
1. Corrected Idd values for 9DB433.
2. Updated typical values in electrical tables.
3. Updated clock input electrical table to latest format.
4. Updated SMbus operating frequency to 440KHz.
5. Corrected typo in Byte 0, bit 6 defaults to 0.
Various
5/25/2018 1. Updated the minimum input slew rate from 1 V/ns to 0.6V/ns.
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com