Electronic Components Datasheet Search
  English  ▼

X  

EX-40 Datasheet(PDF) 1 Page - FLEXTRAL

Part # EX-40
Description  EX 2SN Two Wire Braid Hose
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FLEXTRAL [FLEXTRAL]
Direct Link  https://flextral.com/
Logo FLEXTRAL - FLEXTRAL

EX-40 Datasheet(HTML) 1 Page - FLEXTRAL

  EX-40 Datasheet HTML 1Page - FLEXTRAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EX 2SN Two Wire Braid Hose
Meets or exceeds the requirements of SAE 100R2AT-EN853
DIN 20022 2SN-ISO 1436 Type 2
Tube: Nitrile
Reinforcement: Two braids of high tensile steel wire
Cover: Black, oil, abrasion and weather resistant synthetic rubber, MSHA approved
Temperature: -40°C to +100°C (-40°F to +212°F), intermittent use up to +125°C (+257°F)
Packaging: Coils
Application: Petroleum based hydraulic fluids, gasoline, water, diesel fuels and lubricating oils, biodegradable
hydraulic oil, fire resistant synthetic polyol esters, SAE J1942/1 USCG-H Accepted.
PART
NUMBER
HOSE
I.D.
HOSE
O.D.
MAX
W.P.
MIN. BURST
PRESSURE
MIN. BEND
RADIUS
WEIGHT ONE PIECE
(in)
(in)
(mm)
(psi)
(psi)
(in)
(mm)
(lbs/ft)
COUPLINGS
EX-40
2Z|x
3.14
79.8
1,000
4,000
29.9
760
2.56
HA
EX-48
3
3.61
91.9
725
2,900
35.4
900
2.71
HA
www.
.com
V04.21


Similar Part No. - EX-40

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EX-40 PANASONIC-EX-40 Datasheet
414Kb / 6P
Convergent Reflective Photoelectric Sensor
logo
Vectron International, ...
EX-400 VECTRON-EX-400 Datasheet
580Kb / 5P
Evacuated Miniature Crystal Oscillator
EX-400 VECTRON-EX-400 Datasheet
581Kb / 5P
Evacuated Miniature Crystal Oscillator
EX-4000-DAA-107 VECTRON-EX-4000-DAA-107 Datasheet
511Kb / 5P
Evacuated Miniature Crystal Oscillator
EX-4000-DAA-147 VECTRON-EX-4000-DAA-147 Datasheet
511Kb / 5P
Evacuated Miniature Crystal Oscillator
More results

Similar Description - EX-40

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LH0045 NSC-LH0045 Datasheet
456Kb / 12P
TWO WIRE TRANSMITTER
logo
Schurter Inc.
DEH SCHURTER-DEH Datasheet
368Kb / 2P
High frequency ground wire choke, shrink hose
logo
Texas Instruments
XTR108-DIE TI1-XTR108-DIE Datasheet
122Kb / 5P
TWO-WIRE TRANSMITTER
logo
Renesas Technology Corp
R1EV24002ASAS0A RENESAS-R1EV24002ASAS0A Datasheet
134Kb / 17P
Two-wire serial interface 2k EEPROM Two-wire serial interface
R1EX24002ASAS0G RENESAS-R1EX24002ASAS0G_15 Datasheet
505Kb / 18P
Two-wire serial interface Two-wire serial interface
logo
TE Connectivity Ltd
55FB2521 TEC-55FB2521 Datasheet
122Kb / 1P
TWO CONDUCTOR CABLE, FLAT BRAID SHIELDED, JACKETED, FILTER LINE - ELECTROLOSS
55FB2524 TEC-55FB2524 Datasheet
115Kb / 1P
TWO CONDUCTOR CABLE, FLAT BRAID SHIELDED, JACKETED, FILTER LINE - ELECTROLOSS
logo
Schurter Inc.
DEH SCHURTER-DEH_17 Datasheet
205Kb / 2P
High frequency ground wire choke, shrink hose
DEH SCHURTER-DEH_18 Datasheet
215Kb / 2P
High frequency ground wire choke, shrink hose
DEH SCHURTER-DEH_V01 Datasheet
216Kb / 2P
High frequency ground wire choke, shrink hose
04.01.2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com