Electronic Components Datasheet Search
  English  ▼

X  

FX-10 Datasheet(PDF) 1 Page - FLEXTRAL

Part # FX-10
Description  FX 100 R5 Textile Cover
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FLEXTRAL [FLEXTRAL]
Direct Link  https://flextral.com/
Logo FLEXTRAL - FLEXTRAL

FX-10 Datasheet(HTML) 1 Page - FLEXTRAL

  FX-10 Datasheet HTML 1Page - FLEXTRAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FX 100 R5 Textile Cover
Meets or exceeds performance requirements of SAE 100R5 and D.O.T.
FMVSS 106.
Tube: Seamless, black, oil and heat resistant synthetic rubber
Reinforcement: One braid of synthetic yarn and one braid of steel wire
Cover: Black, impregnated textile braid, oil and mildew resistent, MSHA approved
Temperature: -40°C to +100°C (-40°F to +212°F)
Packaging: C\zn” - 1Z\,” reels, 1C\,” and higher in coils
Application: Used for high-temperature, hydraulic applications, diesel fuel and lubricating oils.
SAE J1942/1 USCG – H accepted.
PART
NUMBER
HOSE
I.D.
HOSE
O.D.
MAX
W.P.
MIN. BURST
PRESSURE
MIN. BEND
RADIUS
WEIGHT
ONE
PIECE RE-USABLE
(in)
(in)
(mm)
(psi)
(psi)
(in)
(mm)
(lbs/ft)
COUPLINGS COUPLINGS
FX-04
C\zn
0.52
13.2
3,000
12,000
3.0
76
0.15
F
5R
FX-05
Z\v
0.58
14.8
3,000
12,000
3.4
86
0.18
F
5R
FX-06
B\zn
0.68
17.1
2,250
9,000
4.0
102
0.22
F
5R
FX-08
ZC\₃₂
0.77
19.5
2,000
8,000
4.6
117
0.30
F
5R
FX-10
Z|₂
0.92
23.4
1,750
7,000
5.5
140
0.37
F
5R
FX-12
B\,
1.08
27.4
1,500
6,000
6.5
165
0.45
F
5R
FX-16
M\,
1.24
31.4
800
3,200
7.4
187
0.47
F
5R
FX-20
1Z\,
1.50
38.1
625
2,500
9.0
229
0.58
F
5R
FX-24
1C\,
1.75
44.4
500
2,000
10.5
267
0.73
F
5R
FX-32
1ZC\zn
2.22
56.4
350
1,400
13.3
337
0.90
F
5R
www.
.com
V04.21


Similar Part No. - FX-10

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
FX-101 VECTRON-FX-101 Datasheet
332Kb / 7P
Frequency Translator
FX-101-CAC-A1P2 VECTRON-FX-101-CAC-A1P2 Datasheet
601Kb / 12P
Frequency Translator
FX-101-CAC-A2P2 VECTRON-FX-101-CAC-A2P2 Datasheet
601Kb / 12P
Frequency Translator
FX-101-CAC-A3P2 VECTRON-FX-101-CAC-A3P2 Datasheet
601Kb / 12P
Frequency Translator
FX-101-CAC-A4P2 VECTRON-FX-101-CAC-A4P2 Datasheet
601Kb / 12P
Frequency Translator
More results

Similar Description - FX-10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STE800P STMICROELECTRONICS-STE800P Datasheet
54Kb / 4P
10/100 BASE-TX/FX 8 PORT TRANSCEIVER
A06
logo
Agere Systems
LU3X34FTR AGERE-LU3X34FTR Datasheet
678Kb / 52P
Quad 3 V 10/100 Ethernet Transceiver TX/FX
July 2000
logo
Broadcom Corporation.
BCM5228 BOARDCOM-BCM5228 Datasheet
157Kb / 1P
10/100 BASE - TX/FX OCTAL TRANSCEIVER
BCM5226 BOARDCOM-BCM5226 Datasheet
162Kb / 1P
10/100 BASE TX/FX HEX TRANSCEIVER
logo
List of Unclassifed Man...
MX98745 ETC-MX98745 Datasheet
166Kb / 36P
100 BASE-TX/FX REPEATER CONTROLLER
logo
Macronix International
MX98741 MCNIX-MX98741 Datasheet
180Kb / 34P
XRC 100 BASE-TX/FX REPEATER CONTROLLER
logo
Micrel Semiconductor
KS8737 MICREL-KS8737 Datasheet
73Kb / 2P
10/100 LV PHY FX
logo
Mini-Circuits
TX1-R5 MINI-TX1-R5 Datasheet
116Kb / 1P
RF Transformer TX1-R5
logo
List of Unclassifed Man...
640550-2 ETC2-640550-2 Datasheet
63Kb / 1P
COVER, MTA-100
FX-101P-CC2 ETC2-FX-101P-CC2 Datasheet
5Mb / 16P
Digital Fiber Sensor FX-100 SERIES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com