Electronic Components Datasheet Search
  English  ▼

X  

112 Datasheet(PDF) 1 Page - CTS Corporation

Part # 112
Description  22x25mm Stratum 3 OCXO
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

112 Datasheet(HTML) 1 Page - CTS Corporation

  112 Datasheet HTML 1Page - CTS Corporation 112 Datasheet HTML 2Page - CTS Corporation 112 Datasheet HTML 3Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Model 112
22x25mm Stratum 3 OCXO
♦♦♦ CTS ♦ 171 Covington Dr. ♦ Bloomingdale, IL 60108 ♦ 800-757-6686 ♦ www.ctscorp.com ♦♦♦
Page 1 of 3
REVISION X1
♦ Surface Mount 22x25mm, FR-4 platform
for TCE Match
♦ Frequency Stability to Stratum 3 of GR-1244
♦ +3.3Vdc or 5.0Vdc Operation
♦ Low Phase Jitter: <1pSec
♦ Precision Low Aging “AT” Cut Crystal
♦ 6/6 RoHS compliant
Electrical Characteristics
Parameter
Conditions/Remarks
Min
Typical
Max
Unit
Power Requirements
Power Supply
± 5%
112L
± 5%
112S
3.135
4.75
3.300
5.0
3.465
5.25
Vdc
Turn-On Power
Max. Vcc, Load = 15pF
-
3.5
4.0
W
Steady State Power
Max. Vcc, Load = 15pF, @+25
°C
-
-
1.5
W
Frequency Stability
Center Frequency
fnom
10
10,12.8, 16.384,
19.44, 20,38.88
38.88
MHz
Initial Tolerance
Ta=+25
°C (at time of shipment)
-
± 0.100
-
ppm
Freq. vs. Temperature
0
°C to 70°C
-40°C to +85°C
-
±0.75
±0.150
±0.125
±0.250
ppm
Freq. vs. Voltage
Vcc ± 5%
-
± 0.050
-
ppm
Per day (after 30 days)
-
± 0.005
-
Freq. vs Time (Aging)
20 years
-
± 2.500
-
ppm
Holdover Stability
All Causes, for 24hrs
-
±0.20
± 0.370
ppm
Total Free-Running
Accuracy
All Causes for 20 Yrs (Ref. to fnom)
-
-
± 4.600
ppm
Warm-Up Time
@ +25
°C, to within 0.3ppm
-
-
5
minutes
Electrical Frequency
Adjust (Optional)
fmin @ Vc=0V
fmax @ Vc=Vcc
fnom @Vc=0.5Vcc
±9.2
ppm
Waveform: CMOS Square Wave Output
Symmetry
@ 50% Level
40
50
60
%
Amplitude
Logic “1”
Logic “0”
0.9
∗Vcc
-
0.1
∗Vcc
V
V
Rise/Fall Times
20% to 80%
-
6
10
ns
Load
Output to Ground
-
15pF ± 5%
-
Offset = 10Hz
-
-80
-
dBc/Hz
100Hz
-
-115
-
dBc/Hz
1kHz
-
-135
-
dBc/Hz
10kHz
-
-140
-
dBc/Hz
Phase Noise
100kHz
-
-143
-
dBc/Hz
Phase Jitter
12 KHz to 20 MHz Bandwidth
-
0.3
1.0
ps RMS


Similar Part No. - 112

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
112 HONEYWELL-112 Datasheet
736Kb / 11P
Temperature Sensors Line Guide
logo
Aries Electronics, Inc.
112 ARIES-112 Datasheet
782Kb / 2P
Easy Identification and Tracing with 10-color Cable
logo
Alpha Wire
112 ALPHAWIRE-112 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
112 ALPHAWIRE-112 Datasheet
99Kb / 4P
Customer Specification
11/30/2022
logo
Heyco.
112 HEYCO-112 Datasheet
289Kb / 1P
Padded Male Blades
More results

Similar Description - 112

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
114 CTS-114 Datasheet
55Kb / 2P
Dual-In-Line Stratum 3 OCXO
117 CTS-117 Datasheet
103Kb / 4P
1?쓝1??Stratum 3 OCXO
logo
Connor-Winfield Corpora...
ASOF5S3 CONNOR-WINFIELD-ASOF5S3 Datasheet
165Kb / 2P
SURFACE MOUNT 5.0V HCMOS STRATUM 3 OCXO
ASOF3S3 CONNOR-WINFIELD-ASOF3S3 Datasheet
168Kb / 2P
SURFACE MOUNT 3.3V LVCMOS STRATUM 3 OCXO
ASOF3S3G CONNOR-WINFIELD-ASOF3S3G Datasheet
217Kb / 2P
SURFACE MOUNT 3.3V LVCMOS STRATUM 3 OCXO
ASOV3S3 CONNOR-WINFIELD-ASOV3S3 Datasheet
193Kb / 2P
SURFACE MOUNT 3.3V HCMOS STRATUM 3 OCXO
CSOV3S3 CONNOR-WINFIELD-CSOV3S3 Datasheet
198Kb / 2P
SURFACE MOUNT 3.3V HCMOS STRATUM 3 OCXO
OFA3BB2AA CONNOR-WINFIELD-OFA3BB2AA Datasheet
240Kb / 2P
3.3V SURFACE MOUNT LVCMOS STRATUM 3 OCXO
logo
Golledge Electronics Lt...
OCXOVST GOLLEDGE-OCXOVST Datasheet
143Kb / 2P
5.0V OCXO CMOS Output Stratum 3
OCXOWST GOLLEDGE-OCXOWST Datasheet
143Kb / 2P
3.3V OCXO CMOS Output Stratum 3
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com