Electronic Components Datasheet Search
  English  ▼

X  

114 Datasheet(PDF) 2 Page - CTS Corporation

Part # 114
Description  Dual-In-Line Stratum 3 OCXO
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

114 Datasheet(HTML) 2 Page - CTS Corporation

  114 Datasheet HTML 1Page - CTS Corporation 114 Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model 114
Dual-In-Line Stratum 3 OCXO
♦♦♦ CTS ♦ 171 Covington Dr. ♦ Bloomingdale, IL 60108 ♦ 800-757-6686 ♦ www.ctscorp.com ♦♦♦
Document No. 114 Data Sheet
Page 2 of 2
Rev X8
Storage Temperature:
-55
° to +125°C
Reflow Soldering:
will withstand 240
°C for 20 Seconds
Shock:
50 G’s, 11 mSec. Pulse (3 Shocks/Axis)
Vibration:
10 G’s peak, 10 to 500 Hz
Case:
4-Pin Dual-In-Line
Seal:
Resistance Weld
Lead Finish, Thru-Hole
Solder Coated, 96.5/3.5 Sn/Ag
Pad Finish, Surface Mt.
Gold Flash, <10 micro inch over Ni plated Cu
MSL:
Level 1
Environmental / Mechanical Specifications
Model 114 Standard Options
Model 114
___.________
Example: 114SBFT20.0000
Supply Voltage
L = +3.3Vdc
S = +5.0Vdc
Oper. Temp. Range
A = 0
° to +70°C
B = -40
° to +85°C
Frequency in MHz
Package Style
T = Through-Hole
S = Surface Mount
Electronic Freq. Control
F = Fixed - No Adjust
V = Elect. Freq. Adjust
Pin
Function
1
Elec. Freq. Adj. or NC
7
Ground
8
Output
14
+Vcc Supply
Through-Hole Outline
Surface Mount Outline



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com