Electronic Components Datasheet Search
  English  ▼

X  

EN220B Datasheet(PDF) 4 Page - Sanken electric

Part # EN220B
Description  VRM = 150 V, IF(AV) = 20 A Schottky Diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

EN220B Datasheet(HTML) 4 Page - Sanken electric

  EN220B Datasheet HTML 1Page - Sanken electric EN220B Datasheet HTML 2Page - Sanken electric EN220B Datasheet HTML 3Page - Sanken electric EN220B Datasheet HTML 4Page - Sanken electric EN220B Datasheet HTML 5Page - Sanken electric EN220B Datasheet HTML 6Page - Sanken electric EN220B Datasheet HTML 7Page - Sanken electric EN220B Datasheet HTML 8Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
FMEN-220B
FMEN-220B-DSE Rev.1.1
SANKEN ELECTRIC CO., LTD.
4
Oct. 04, 2022
https://www.sanken-ele.co.jp/en
© SANKEN ELECTRIC CO., LTD. 2020
Characteristic Curves
Figure 3.
PF(MAX) vs. IF(AV) (TJ = 150 °C)
Figure 4.
PR(MAX) vs. VR (TJ = 150 °C)
Figure 5.
Typical Characteristics: IF vs. VF
Figure 6.
Typical Characteristics: IR vs. VR
0
5
10
15
20
25
0
5
10
15
20
Average Forward Current, I
F(AV) (A)
0
5
10
15
0
50
100
150
Reverse Voltage, V
R (V)
0.001
0.01
0.1
1
10
100
0.0
0.6
1.2
1.8
Forward Voltage Drop, V
F (V)
1.E-07
1.E-06
1.E-05
1.E-04
1.E-03
1.E-02
1.E-01
0
50
100
150
Reverse Voltage, V
R (V)
T
t
DC
t/T = 1/2
t/T = 1/3, sine wave
t/T = 1/6
Sine wave
1−t/T = 1/2
1−t/T = 5/6
1−t/T = 2/3
T
t
TJ = 150 °C
TJ = 25 °C
TJ = 100 °C
TJ = 25 °C
TJ = 100 °C
TJ = 150 °C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com