Electronic Components Datasheet Search
  English  ▼

X  

SIM6891MD Datasheet(PDF) 32 Page - Sanken electric

Part # SIM6891MD
Description  600 V High Voltage 3-phase Motor Drivers
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SIM6891MD Datasheet(HTML) 32 Page - Sanken electric

Back Button SIM6891MD Datasheet HTML 28Page - Sanken electric SIM6891MD Datasheet HTML 29Page - Sanken electric SIM6891MD Datasheet HTML 30Page - Sanken electric SIM6891MD Datasheet HTML 31Page - Sanken electric SIM6891MD Datasheet HTML 32Page - Sanken electric SIM6891MD Datasheet HTML 33Page - Sanken electric SIM6891MD Datasheet HTML 34Page - Sanken electric SIM6891MD Datasheet HTML 35Page - Sanken electric SIM6891MD Datasheet HTML 36Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 55 page
background image
SIM689xM Series
SIM689xM-DSE Rev.3.4
SANKEN ELECTRIC CO., LTD.
32
Mar. 05, 2024
https://www.sanken-ele.co.jp/en
© SANKEN ELECTRIC CO., LTD. 2021
14.2.3
Body Diode Steady-state Loss, PSD
Steady-state loss in the body diode of a power
MOSFET can be computed by using the VSD vs. ISD
curves, listed in Section 15.3.1. As expressed by the
curves in Figure 14-3, a linear approximation at a range
the ISD is actually used is obtained by: VSD = α × ISD + β.
The values gained by the above calculation are then
applied as parameters in Equation (9), below. Hence, the
equation to obtain the body diode steady-state loss, PSD,
is:
PSD =
1
2π
∫ VSD (φ) × ISD(φ) × (1 − DT) × dφ
π
0
=
1
2
α (
1
2
−
4
3π
M × cos θ) IM
2
+
√2
π
β (
1
2
−
π
8
M × cos θ) IM .
(9)
Where:
VSD is the source-to-drain diode forward voltage of the
power MOSFET (V),
ISD is the source-to-drain diode forward current of the
power MOSFET (A),
DT is the duty cycle, which is given by
DT =
1 + M × sin(φ + θ)
2
,
M is the modulation index (0 to 1),
cosθ is the motor power factor (0 to 1),
IM is the effective motor current (A),
α is the slope of the linear approximation in the VSD vs.
ISD curve, and
β is the intercept of the linear approximation in the VSD
vs. ISD curve.
Figure 14-3.
Linear Approximate Equation of
VSD vs. ISD
14.2.4
Estimating Junction Temperature
of Power MOSFET
The junction temperature of all power MOSFETs
operating, TJ, can be estimated with Equation (10):
TJ = RJ−C × {(PON + PSW + PSD) × 6} + TC .
(10)
Where:
RJ-C is the junction-to-case thermal resistance (°C/W)
of all the power MOSFETs operating, and
TC is the case temperature (°C), measured at the point
defined in Figure 3-1.
y = 0.201x + 0.63
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0.0
0.5
1.0
1.5
2.0
2.5
I
SD (A)
125°C
75°C
25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com