Electronic Components Datasheet Search
  English  ▼

X  

RD6.2EB2 Datasheet(PDF) 6 Page - Semtech Corporation

Part # RD6.2EB2
Description  ZENER DIODES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

RD6.2EB2 Datasheet(HTML) 6 Page - Semtech Corporation

  RD6.2EB2 Datasheet HTML 1Page - Semtech Corporation RD6.2EB2 Datasheet HTML 2Page - Semtech Corporation RD6.2EB2 Datasheet HTML 3Page - Semtech Corporation RD6.2EB2 Datasheet HTML 4Page - Semtech Corporation RD6.2EB2 Datasheet HTML 5Page - Semtech Corporation RD6.2EB2 Datasheet HTML 6Page - Semtech Corporation RD6.2EB2 Datasheet HTML 7Page - Semtech Corporation RD6.2EB2 Datasheet HTML 8Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
SEMTECH ELECTRONICS LTD.
(Subsidiary of Semtech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
Dated : 05/11/2005
RD2.0E~RD200E
25
VZ - Zener Voltage - V
(
e)
35
30
40
VZ - Zener Voltage - V
(f)
30
60
90
120
RD33E
RD39E
RD36E
Ta=25 C
TYP.
RD110E
TYP.
Ta=25 C
RD43E
RD75E
RD56E
RD47E
RD82E
RD62E
RD68E
RD91E
RD100E
RD120E
VZ - Zener Voltage - V
120
P=500mW
210
(g)
150
180
RD190E
RD130E
RD170E
RD140E RD150E
RD200E
RD160E
RD180E
Ta=25 C
TYP.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com