Electronic Components Datasheet Search
  English  ▼

X  

STWR90 Datasheet(PDF) 2 Page - Infinite Electronics International, Inc.

Part # STWR90
Description  WR-90 Waveguide Termination 2 Watts With a 8.2 GHz to 12.4 GHz Frequency Range
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

STWR90 Datasheet(HTML) 2 Page - Infinite Electronics International, Inc.

  STWR90 Datasheet HTML 1Page - Infinite Electronics International, Inc. STWR90 Datasheet HTML 2Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1130 Junction Dr. #100 Allen, TX 75013 | Tel: 1-800-715-4396 / (972) 649-6678 / Fax: (972) 649-6689
REV 2.2 Page 2 of 2
*STANDARD TOLERANCES APPLY
ONLY TO DIMENSIONS IN INCHES
STANDARD TOLERANCES
.X
±0.2
.XX
±0.01
.XXX ±0.005
5.000
127.00
.500
12.70
.197
5.00
1.220
30.99
1.630
41.40
SQ
.900
22.86
.400
10.16
1.280
32.51
4X
.169 4.29
THRU ALL
WR-90
1.000
25.40
SHEET
3FKR5
CAGE CODE
DWG NO
ALLEN, TX 75013 WWW.FAIRVIEWMICROWAVE.COM
FAIRVIEW MICROWAVE INC.
SIZE A
SCALE N/A
CAD FILE
NOTES:
1. UNLESS OTHERWISE SPECIFIED ALL DIMENSIONS ARE NOMINAL.
2. ALL SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE AT ANY TIME.
3. DIMENSIONS ARE IN INCHES [mm].
TITLE
STWR90
072617
9999
1 OF 1
STWR90
DATA SHEET
WR-90 Waveguide Termination 2 Watts With a 8.2
GHz to 12.4 GHz Frequency Range



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com