Electronic Components Datasheet Search
  English  ▼

X  

CJ2 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # CJ2
Description  CJ2 FAMILY
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CJ2 Datasheet(HTML) 3 Page - Omron Electronics LLC

  CJ2 Datasheet HTML 1Page - Omron Electronics LLC CJ2 Datasheet HTML 2Page - Omron Electronics LLC CJ2 Datasheet HTML 3Page - Omron Electronics LLC CJ2 Datasheet HTML 4Page - Omron Electronics LLC CJ2 Datasheet HTML 5Page - Omron Electronics LLC CJ2 Datasheet HTML 6Page - Omron Electronics LLC CJ2 Datasheet HTML 7Page - Omron Electronics LLC CJ2 Datasheet HTML 8Page - Omron Electronics LLC CJ2 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
9
8
7
6
5
4
3
2
1
3
Proven track record
The CJ2 Family is based on the highly popular CJ1,
which after its launch in 2001 now operates in
an extraordinary variety of applications all over
the world. Now, as the natural successor, the CJ2
combines that field-proven technology with a
wider choice of CPUs, more speed and memory,
and a wider variety of communication interfaces.
Faster development
Tag-based communications technology will
simplify the interfacing of the PLC to the outside
world. On-line debugging improvements also help
to accelerate software development so you can
change the code and test the results quickly. The
added function block memory will allow you to
improve program structure and reuse code even
in the the entry-level models.
Talks to all
The CJ2 Family supports major open networking
technologies including:
• Ethernet-based communication based on open
industrial standards
• Serial communications over RS-232 C, RS-422,
RS-485 and USB
• The major open Fieldbus standards
• Fast and accurate motion control networks.
The wide range of CPUs means you need only
to get familiar with one PLC family for use in
everything from simple stand-alone applications
up to networked, high-speed machines.
Inspired by proven technology



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com