Electronic Components Datasheet Search
  English  ▼

X  

AP-Z Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # AP-Z
Description  Z/A/X/DZ Common Accessories
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

AP-Z Datasheet(HTML) 1 Page - Omron Electronics LLC

  AP-Z Datasheet HTML 1Page - Omron Electronics LLC AP-Z Datasheet HTML 2Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
CSM_Z_A_X_DZ_OP_E_4_1
Z/A/X/DZ Common Accessories
Dimensions (Unit: mm)
Terminal Covers
Note: Each dimension has a tolerance of
±0.4 mm unless otherwise specified. (±0.8 mm for the AP-Z)
Common to Z, A, X, and DZ Models
The Terminal Covers can be attached to Z, A, X, and DZ Switches.
The Terminal Cover is secured with mounting screws and protects the casing and terminal wires
from dust, vibration, or fingers, thus preventing terminal short-circuiting, ground faults, wire
disconnection or improper connection, and electric shock accidents.
Terminal Covers made of phenol resin have five or six thin wall sections. These sections can be
torn open for providing holes for lead cables at desired points.
A terminal cover can’t be used in the case of using an actuator sold separately.
Operation Information
Note: Use a Terminal Cover for screw terminals fir DZ-series Switches with soldering terminals.
Terminal Covers (Sold Separately)
Application Soldering terminal use
Screw terminal use
Remarks
Material
Mounting direction
Model
Phenol resin
Side mounting
AP-A
AP-B
---
Metal press mold Side mounting
AP1-A
AP1-B
Used for AP-A and AP-B
Vinyl chloride
Side mounting
AP-Z
---
Use a Separator when it is difficult to
provide a sufficient insulation distance or
when using the Switch near metal parts or
copper wires.
Operation Information
Separator (Sold Separately)
Model
SEPARATOR FOR Z
52.8
25.4
8
6.5
16.3
21
8
2.15R
4.3+0.2
0
4.3+0.2
0
AP-A
Soldering Terminal Use
(Phenol Resin)
Note: The Cover has five thin, easy-to-separate
portions for easy lead wire connections.
53.8
25.4
8
6.5
20.2
21
8
2.15R
4.3+0.2
0
4.3+0.2
0
AP-B
Screw Terminal Use
(Phenol Resin)
Note: The Cover has six thin, easy-to-separate
portions for easy lead wire connections.
54.4
25.4
8
7.2
17.1
22.6
8.5
2.15R
4.3+0.2
0
4.3+0.2
0
AP1-A
Soldering Terminal Use
(Metal Press Mold)
Note: The Cover has five holes for easy lead wire connections.
55.4
25.4
8
7
21
22.6
8.5
2.15R
4.3+0.2
0
4.3+0.2
0
AP1-B
Screw Terminal Use
(Metal Press Mold)
Note: The Cover has six holes for easy lead wire connections.
14
21
52.8
25.4
21
39
46
7
12
13
15
A'
B'
A
B
Pressure plate
(t1 steel)
Two, 4.2 dia.
M3
× 20 Phillips screw
(with plane washer and nut)
Nut
15
13
A-A' cross-section
B-B' cross-section
8 dia.
6 dia.
Note: A 6-dia. or 8-dia. cable can be
used by cutting the cable pull-out
hole to the size of the cable to be
used.
Cable Pull-out Dimension
AP-Z
Soldering or Screw Terminal Use
(Vinyl Chloride)
25.4
±0.2
11.9
27
±0.5
13.5
49.2
±0.5
Two, 4.5 dia.
t = 0.51
Note: 1. Each dimension has a tolerance of
±0.4 mm unless otherwise specified.
2. The material is EAVTC (Epoxide Alkyd Varnished Tetron Cloth) and its heat-resisting
temperature is 130
°C.
Separator


Similar Part No. - AP-Z

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
AP-Z OMRON-AP-Z Datasheet
108Kb / 2P
Z/A/X/DZ Common Accessories
2007.3
More results

Similar Description - AP-Z

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
Z-A431PJ31X-A PULSE-Z-A431PJ31X-A Datasheet
767Kb / 2P
Z-BLOCKER짰 Z-A431PJ31X-A Alarm Panel DSL Filter
logo
Power Integrations, Inc...
LXA08T600C POWERINT-LXA08T600C Datasheet
95Kb / 7P
600 V, 8 A X-Series Common-Cathode Diode
LXA12T600C POWERINT-LXA12T600C Datasheet
128Kb / 7P
600 V, 12 A X-Series Common-Cathode Diode
LXA16T600C POWERINT-LXA16T600C Datasheet
128Kb / 7P
600 V, 16 A X-Series Common-Cathode Diode
logo
Omron Electronics LLC
Z-15G-B OMRON-Z-15G-B Datasheet
1Mb / 6P
Common Accessories
logo
Freescale Semiconductor...
MMA81XXEG FREESCALE-MMA81XXEG_10 Datasheet
350Kb / 47P
Digital X-Axis or Z-Axis Digital X-Axis or Z-Axis
logo
TE Connectivity Ltd
C-1982738 TEC-C-1982738 Datasheet
744Kb / 2P
FEMALE CONNECTOR Z-PACK Slim UHD Common Speed
logo
Power Integrations, Inc...
LXA08T600C POWERINT-LXA08T600C_V01 Datasheet
174Kb / 7P
600 V, 8 A X-Series Common-Cathode Diode
November 2013
LXA12T600C POWERINT-LXA12T600C_V01 Datasheet
210Kb / 7P
600 V, 12 A X-Series Common-Cathode Diode
November 2013
LXA16T600C POWERINT-LXA16T600C_V01 Datasheet
210Kb / 7P
600 V, 16 A X-Series Common-Cathode Diode
November 2013
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com