Electronic Components Datasheet Search
  English  ▼

X  

TCP Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # TCP
Description  CP1 Modbus/TCP Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

TCP Datasheet(HTML) 1 Page - Omron Electronics LLC

  TCP Datasheet HTML 1Page - Omron Electronics LLC TCP Datasheet HTML 2Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Modbus/TCP Master for CP1L and CP1H Micro PLCs
Modbus/TCP Slave for CJ2M-CPU3x, CP1L and CP1H PLCs
The CP1W-MODTCP61 allows Omron CP1L, CP1H and CJ2M-CPU3x PLCs to function as slave nodes on a
Modbus/TCP network. The adapter can function as either a Modbus/TCP Master or as a Modbus/TCP Slave, but not
both simultaneously. The Modbus/TCP Master mode is used to control/monitor IO blocks and other remote devices.
The Modbus/TCP Slave mode responds to commands from a Modbus/TCP Master such as a PC or PLC.
Key Features and Benefits
•
Most Popular Network – Modbus/TCP/IP is the most popular remote I/O Ethernet network for PLC systems in the world
•
Simple setup – Web page configuration for IP Address & Master/Slave selection
•
Operates as a Modbus/TCP Master or Slave - As a Master, the adapter is used to control/monitor IO blocks and other remote
devices. As a Modbus/TCP Slave it responds to commands from a Modbus/TCP Master (PC, PLC, other)
•
Perfect for Data Collection – The CP1W- MODTCP61 turns a CJ2M-CPU3x, CP1L/H PLC into a Modbus/TCP Slave that can
easily share information with a Modbus/TCP Master for remote data collection or control
•
High Speed Counters & Expandable I/O – 4 x 100Khz counters built-in, up to 320 I/O (CP1H-X) & 180 I/O (CP1L-M60) PLCs
•
Programmable Slave for Motion, Temperature Control – Each PLC can be a powerful motion controller* (CP1H - 4 Axis, CP1L
– 2 Axis) with high speed interrupts, Real Time Clock, PID, Floating Point Math and is expandable with digital I/O or analog for
Temperature or Process Control. The addition of a Modbus/TCP adapter turns the PLC into a Low Cost Programmable Slave
*Transistor models
•
Supports Multiple Connections - If the adapter is configured in Modbus/TCP slave mode, it can also support communications to
CX-Programmer, NS HMI or other devices that use FINS (Omron’s open communication protocol)
•
Gateway for Modbus/TCP & FINS Ethernet – Allows CS/CJ PLCs with Ethernet or EtherNet/IP to communicate using FINS
through a CP1 PLC as a Modbus/TCP Slave
Typical Master/Slave Configuration
Specification
n
o
it
p
ir
c
s
e
D
m
e
tI
Part #: CP1W-MODTCP61
CJ2M-CPU3x, CP1L/H - Modbus/TCP Slave or CP1L/H Modbus/TCP Master (not both simultaneously)
Type, Max # of Modbus Slave nodes
100Base-TX (Can be used as 10Base-T), 254 Max Slave Nodes
Applicable PLCs
CP1L-L14, CP1L-L20, CP1L-M30, CP1L-M40, CP1L-M60, CP1H
Max Distance, Communication Method
100 m (distance between hub and node), Modbus/TCP/IP protocol
Max number of units mounted in PLC
2 (1 Modbus/TCP Master, 1 Modbus/TCP Slave)(CP1L 30 I/O or more or CP1H)
Max connection/adapter - Slave mode
4 – (2 Modbus/TCP connections & 2 FINS)
Max connection/adapter - Master mode
1 connection (CP1L, CP1H PLCs only can be set to Master Mode)
Current IP Address (Slave mode)
D1200, D1201 (D1200=1st & 2nd Octets in Hex, D1201=3rd & 4th Octets in Hex)
Default IP Address, Web Page Set-up
192.168.250.11 Web Page Set-up: http://192.168.250.11
CP1W-MODTCP61
CP1 Modbus/TCP Adapter
CJ2M-CPU3x
CP1H
CP1H
CP1H
CP1L
CP1L
Modbus/TCP Slaves can perform Motion Control, Process Control, etc.
Modbus/TCP Master
W4S Ethernet Switch
W4S Ethernet
Switch


Similar Part No. - TCP

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
TCP COOPER-TCP Datasheet
172Kb / 4P
TCP1.25A,Telecom Circuit Protector
logo
HMS Networks.
TCP HMS-TCP Datasheet
413Kb / 2P
Modbus TCP Clients
logo
Multicomp Pro
TCP MULTICOMP-TCP Datasheet
111Kb / 1P
Crimp Tool
06/12/12 V1.0
logo
Weller Tools
TCP 3M WELLER-TCP 3M Datasheet
68Kb / 1P
Temperature control switch
TCP UK WELLER-TCP UK Datasheet
68Kb / 1P
Temperature control switch
More results

Similar Description - TCP

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
APAX-5070 ADVANTECH-APAX-5070_15 Datasheet
242Kb / 1P
Modbus/TCP Communication Coupler
logo
List of Unclassifed Man...
G38910052230 ETC2-G38910052230 Datasheet
131Kb / 5P
Ethernet Modbus/TCP Gateway
logo
PHOENIX CONTACT
2702765 PHOENIX-2702765 Datasheet
81Kb / 5P
The GW MODBUS TCP/RTU... gateway converts serial based Modbus RTU (or ASCII) to Modbus TCP
logo
Beckhoff Automation Gmb...
TF6250 BECKHOFF-TF6250 Datasheet
208Kb / 1P
TC3 Modbus TCP
logo
WAGO Kontakttechnik Gmb...
750-362 WAGO-750-362 Datasheet
597Kb / 12P
Fieldbus Coupler Modbus TCP; 4th generation
logo
Weidmuller
1504460000 WEIDMULLER-1504460000 Datasheet
232Kb / 4P
Modbus TCP/Modbus Seriell Gateway
1504470000 WEIDMULLER-1504470000 Datasheet
232Kb / 4P
Modbus TCP/Modbus Seriell Gateway
logo
Pepperl+Fuchs Inc.
FB8211B2-0756 PF-FB8211B2-0756 Datasheet
576Kb / 3P
Com Unit for MODBUS TCP
FB8211H0756.3 PF-FB8211H0756.3 Datasheet
847Kb / 3P
Com Unit for MODBUS TCP
logo
NHP Electrical Engineer...
PLX31-MBTCP-MBS NHP-PLX31-MBTCP-MBS Datasheet
590Kb / 1P
PROSOFT GATEWAY MODBUS TCP TO MODBUS SERIAL
12 May 2023,
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com