Electronic Components Datasheet Search
  English  ▼

X  

IS5000PS Datasheet(PDF) 1 Page - FLEXTRAL

Part # IS5000PS
Description  IS5000PS Supremeflex 5K
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FLEXTRAL [FLEXTRAL]
Direct Link  https://flextral.com/
Logo FLEXTRAL - FLEXTRAL

IS5000PS Datasheet(HTML) 1 Page - FLEXTRAL

  IS5000PS Datasheet HTML 1Page - FLEXTRAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
IS5000PS Supremeflex 5K
Meets or exceeds ISO 18752, MSHA Approved.
Tube: Seamless, black, oil, and heat resistant synthetic rubber
Reinforcement: Four spirals of high-tensile wire (-08 to -20)
Six spirals of high-tensile wire (-24 to -32)
Cover: Black, oil, weather, and high-abrasion resistant synthetic rubber, MSHA approved
Temperature: -54ºC to +121ºC (-65ºF to +250ºF)
Packaging: Coils
Application: Engineered for the harshest of conditions for service in hydraulic systems with petroleum or
water/glycol based fluids and lubricating oils where supreme flexibility and abrasion resistance
is needed. SAE J1942/1 USCG – H accepted.
PART
NUMBER
HOSE
I.D.
HOSE
O.D.
MAX
W.P.
MIN. BURST
PRESSURE
MIN. BEND
RADIUS
WEIGHT ONE PIECE
Non-Skive
ONE PIECE
Skive
(in)
(in)
(mm)
(psi)
(psi)
(in)
(mm)
(lbs/ft)
COUPLINGS
COUPLINGS
IS5000-08PS
1/2
0.86
21.9
5,000
20,000
3.54
90
0.47
N
IS5000-10PS
5/8
1.04
26.4
5,000
20,000
3.94
100
0.66
N
IS5000-12PS
3/4
1.14
29.0
5,000
20,000
4.72
120
0.72
N
IS5000-16PS
1
1.43
36.4
5,000
20,000
5.91
150
1.16
N
IS5000-20PS
11/4
1.74
44.3
5,000
20,000
8.27
210
1.61
N
IS5000-24PS
11/2
2.16
54.8
5,000
20,000
9.45
240
2.59
VS
IS5000-32PS
2
2.80
71.1
5,000
20,000
12.40
315
4.53
VS
*Note: ISO 18752-CC is standard but hose is also available in AC, BC and DC.
www.
.com
V01.24


Similar Part No. - IS5000PS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IS500 ETC2-IS500 Datasheet
512Kb / 4P
Isolation Transformer-Based Power Conditioner - Superior line noise reduction and spike suppression
IS500HG ETC2-IS500HG Datasheet
514Kb / 4P
Isolation Transformer - Medical Grade line noise reduction and spike suppression
More results

Similar Description - IS5000PS

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1829 NTE-NTE1829 Datasheet
21Kb / 2P
Integrated Circuit Quad Transistor Array, 5k?
logo
ATMEL Corporation
AT40K05 ATMEL-AT40K05 Datasheet
1Mb / 67P
5K - 50K Gates Coprocessor FPGA with FreeRAM
logo
Zentrum Mikroelektronik...
U6264B ZMD-U6264B Datasheet
162Kb / 9P
STANDARD 5K X 8 SRAM
logo
ATMEL Corporation
AT40K05AL ATMEL-AT40K05AL Datasheet
43Kb / 4P
5K - 50K Gates Coprocessor FPGA with FreeRAM
logo
NEC
UPD485505 NEC-UPD485505 Datasheet
174Kb / 20P
LINE BUFFER 5K-WORD BY 8-BIT
UPD485506 NEC-UPD485506 Datasheet
233Kb / 24P
LINE BUFFER 5K-WORD BY 16-BIT/10K-WORD BY 8-BIT
logo
ATMEL Corporation
AT40K05 ATMEL-AT40K05_14 Datasheet
1Mb / 55P
5K ??50K Gates Coprocessor FPGA with FreeRAM
AT40K05AL ATMEL-AT40K05AL_14 Datasheet
1Mb / 51P
5K ??50K Gates Coprocessor FPGA with FreeRAM
AT40K10AL ATMEL-AT40K10AL_14 Datasheet
126Kb / 4P
5K ??50K Gates Coprocessor FPGA with FreeRAM
logo
TT Electronics.
PPW TTELEC-PPW Datasheet
280Kb / 2P
resistance to or1 ohms to 5k ohms
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com