Electronic Components Datasheet Search
  English  ▼

X  

L78L05ABZ Datasheet(PDF) 37 Page - STMicroelectronics

Part # L78L05ABZ
Description  Positive voltage regulators
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78L05ABZ Datasheet(HTML) 37 Page - STMicroelectronics

Back Button L78L05ABZ Datasheet HTML 33Page - STMicroelectronics L78L05ABZ Datasheet HTML 34Page - STMicroelectronics L78L05ABZ Datasheet HTML 35Page - STMicroelectronics L78L05ABZ Datasheet HTML 36Page - STMicroelectronics L78L05ABZ Datasheet HTML 37Page - STMicroelectronics L78L05ABZ Datasheet HTML 38Page - STMicroelectronics L78L05ABZ Datasheet HTML 39Page - STMicroelectronics L78L05ABZ Datasheet HTML 40Page - STMicroelectronics L78L05ABZ Datasheet HTML 41Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 37 / 41 page
background image
Revision history
Table 31. Document revision history
Date
Revision
Changes
14-Mar-2005
9
Add tape and reel for TO-92.
15-Mar-2005
10
Add note on Table 3.
23-Dec-2005
11
Mistake on ordering Table in header.
12-Sep-2006
12
Order codes updated.
07-Jun-2007
13
Order codes updated.
18-Sep-2007
14
Added Table 1 in cover page.
15-Jul-2008
15
Modified: Table 1 and Table 28: Order codes.
18-Aug-2008
16
Modified Figure 12 on page 26.
03-Apr-2009
17
Added: RthJA value for SOT-89 Table 2 on page 5.
08-Feb-2011
18
Added note Table 26 on page 39
21-Feb-2012
19
Modified: SOT-89 Figure 2 on page 4.
14-Aug-2012
20
Updated TOP value for L78L00AC in Table 1 on page 5.
Minor text changes.
07-Sep-2012
21
Added: Table 29: Marking information.
14-Apr-2014
22
Part numbers L78LxxAB, L78LxxAC, L78LxxC changed to L78L.
Removed Table1: Device summary.
Updated features and description in cover page, Table 28: Order codes,
Table 29: Marking information and Section 7: Package information.
Added Section: Packing mechanical data.
Minor text changes.
06-Oct-2014
23
Updated Table 28: Order codes and Table 29: Marking information.
Minor text changes.
10-Feb-2015
24
Updated Table 29: Marking information.
Minor text changes.
10-Feb-2016
25
Updated Table 29: Marking information and Section 7.7: SOT-89 packing
information.
Minor text changes.
21-Jun-2016
26
Changed test condition values for the parameter "Line regulation"and the
typical value for the parameter "Dropout voltage" in : Table 3: "Electrical
characteristics of L78L33C", Table 4: "Electrical characteristics of L78L05C",
Table 12: "Electrical characteristics of L78L33AB and L78L33AC" and Table
13: "Electrical characteristics of L78L05AB and L78L05AC".
Minor text changes.
30-Nov-2020
27
Added Figure 27. SOT-89 device orientation.
07-Apr-2021
28
Added Figure 28. SOT-89 reel drawing.
11-Jul-2024
29
Updated Table 29
05-Aug-2024
30
Updated Table 29
L78L
DS0424 - Rev 30
page 37/41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com