Electronic Components Datasheet Search
  English  ▼

X  

ST5035 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # ST5035
Description  RF Load 0.5 Watts To 50 GHz Passivated Stainless Steel 2.4mm Male
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

ST5035 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  ST5035 Datasheet HTML 1Page - Infinite Electronics International, Inc. ST5035 Datasheet HTML 2Page - Infinite Electronics International, Inc. ST5035 Datasheet HTML 3Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
REV 2.3 Page 1 of 3
Copyright © 2020
RF termination (also called RF load or dummy load) ST5035 from Fairview
Microwave operates from DC to 50 GHz and handles up to 0.5 Watt (CW). This
2.4mm termination (or load) has a male gender. ST5035 2.4mm load termination
offers 1.35:1 max VSWR.
RF terminations / loads are critical passive components in many RF, microwave and
millimeter wave systems where signal reflection from unused ports can reduce the
signal integrity and can potentially damage the device. By terminating an unused
port with a matched load (dummy load), the incident energy will be absorbed with
minimal reflection. These radio frequency termination components are commonly
used to terminate devices such as couplers, circulators, and switches. Loads /
terminations are also widely used in measurement systems to ensure accurate
results. Fairview offers a large selection of in-stock RF, microwave and millimeter
wave terminations up to 65 GHz with great performance over the entire operating
range and with power handling capabilities up to 800 Watts (CW).
Electrical Specifications
Description
Min
Typ
Max
Units
Frequency Range
DC
50
GHz
Impedance
50
Ohms
VSWR
1.35:1
Input Power (CW)
0.5
Watts
Mechanical Specifications
Size
Length
0.42 in [10.67 mm]
Width
0.315 in [8 mm]
.
Weight
0.008 lbs [3.63 g]
.
Configuration
Connector
2.4mm Male
Hex Size
5/16 inch
Material Specifications
.
Description
Material
Plating
Connector 1 Contact
Gold
.
Body
Passivated Stainless Steel
.
Coupling Nut
Passivated Stainless Steel
.
Housing
Passivated Stainless Steel
.
Environmental Specifications
Temperature
Operating Range
-55 to +125 deg C
ST5035
DATA SHEET
RF Load 0.5 Watts To 50 GHz Passivated Stainless
Steel 2.4mm Male
Fairview Microwave
301 Leora Ln., Suite 100
Lewisville, TX 75056
Tel: 1-800-715-4396 / (972) 649-6678
Fax: (972) 649-6689
www.fairviewmicrowave.com
sales@fairviewmicrowave.com
Features:
• DC to 50 GHz Frequency Range
• VSWR 1.35:1 Max
• Max Power 0.5 Watt (CW)
• 2.4mm Male Coaxial Interface
Applications:
• Wireless
• SatCom
• Radar Systems
• Test and Measurement
• Commercial and Military
Communication


Similar Part No. - ST5035

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
ST5036 FAIRVIEW-ST5036 Datasheet
486Kb / 4P
ST5036 DATA SHEET RF Load 0.5 Watts To 50 GHz Passivated Stainless Steel 2.4mm Male
REV 1.1
ST5038 FAIRVIEW-ST5038 Datasheet
490Kb / 4P
RF Load 1 Watts To 50 GHz Passivated Stainless Steel 2.4mm Male
REV 2.1
ST5038C FAIRVIEW-ST5038C Datasheet
492Kb / 4P
RF Load 1 Watts To 50 GHz With Chain Passivated Stainless Steel 2.4mm Male
REV 2.0
ST5039 FAIRVIEW-ST5039 Datasheet
470Kb / 3P
RF Load 1 Watts To 50 GHz Passivated Stainless Steel 2.4mm Female
REV 2.1
More results

Similar Description - ST5035

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6069 PASTERNACK-PE6069 Datasheet
148Kb / 2P
50 Ohm 0.5 Watts Precision Passivated Stainless Steel SMA Male RF Load With Chain Up To 18 GHz
PE6070 PASTERNACK-PE6070 Datasheet
448Kb / 2P
50 Ohm 0.5 Watts Precision Passivated Stainless Steel SMA Female RF Load With Chain Up To 12.4 GHz
PE6077 PASTERNACK-PE6077 Datasheet
261Kb / 2P
50 Ohm 1 Watts Precision Passivated Stainless Steel SMA Male RF Load Up To 26.5 GHz
PE6096 PASTERNACK-PE6096 Datasheet
244Kb / 3P
50 Ohm 5 Watts Passivated Stainless Steel SMA Female RF Load Up To 18 GHz
PE6178 PASTERNACK-PE6178 Datasheet
361Kb / 3P
50 Ohm 1 Watts Precision 2.4mm Male RF Load Up To 50 GHz
PE6072 PASTERNACK-PE6072 Datasheet
244Kb / 2P
50 Ohm 1 Watts Precision Passivated Stainless Steel SMA Male RF Load With Chain Up To 18 GHz
PE6085 PASTERNACK-PE6085_16 Datasheet
416Kb / 3P
0.5 Watt RF Load Up to 40 GHz with 2.92mm Male Passivated Stainless Steel
PE6086 PASTERNACK-PE6086_16 Datasheet
420Kb / 4P
0.5 Watt RF Load with Chain Up to 40 GHz with 2.92mm Male Passivated Stainless Steel
PE6227 PASTERNACK-PE6227_17 Datasheet
379Kb / 4P
2 Watt RF Load Up to 50 GHz With 2.4mm Male Input Passivated Stainless Steel
PE6242 PASTERNACK-PE6242_16 Datasheet
447Kb / 4P
2 Watt RF Load Up to 50 GHz With 2.4mm Male Input Passivated Stainless Steel
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com