Electronic Components Datasheet Search
  English  ▼

X  

D4N-2FRE Datasheet(PDF) 15 Page - Omron Electronics LLC

Part # D4N-2FRE
Description  Safety Limit Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D4N-2FRE Datasheet(HTML) 15 Page - Omron Electronics LLC

Back Button D4N-2FRE Datasheet HTML 11Page - Omron Electronics LLC D4N-2FRE Datasheet HTML 12Page - Omron Electronics LLC D4N-2FRE Datasheet HTML 13Page - Omron Electronics LLC D4N-2FRE Datasheet HTML 14Page - Omron Electronics LLC D4N-2FRE Datasheet HTML 15Page - Omron Electronics LLC D4N-2FRE Datasheet HTML 16Page - Omron Electronics LLC D4N-2FRE Datasheet HTML 17Page - Omron Electronics LLC D4N-2FRE Datasheet HTML 18Page - Omron Electronics LLC D4N-2FRE Datasheet HTML 19Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
D4N
15
2-conduit Models
Note: Unless otherwise specified, a tolerance of
±0.4 mm applies to all dimensions.
v
Two, 4
+0.15 dia. holes
Depth: 5
0
One-way Roller Arm Lever
(Horizontal)
D4N-6
@62
D4N-8
@62
12 dia. x 5
resin roller
2.15
±0.05R
mounting holes
30
Cap
20.5
21.5
42±0.2
(3)
56 max.
47
25 dia.
2.5
5.4
9±0.2
20±0.1
40±0.1
42±0.1
22±0.1
14.2
11±0.2
10.2
(31.5)
14.8
Operating direction
23.3
13.5
11±0.2
19.5±0.2
20R
OP
21.5
39±0.2
Conduit cap
Two, 4
+0.15 dia. holes
Depth: 5
0
One-way Roller Arm Lever
(Vertical)
D4N-6
@72
D4N-8
@72
Operating
direction
12 dia.
× 5
resin roller
30
Cap
20.5
21.5
42±0.2
(3)
56 max.
47
25 dia.
2.5
5.4
9±0.2
20±0.1
40±0.1
42±0.1
22±0.1
14.2
OP
14.7
19R
19.5±0.2
11±0.2
12
11±0.2
10.2
(31.5)
21.5
39±0.2
2.15
±0.05R
mounting
holes
Conduit cap
Adjustable Roller Lever, Form Lock
(with Metal Lever, Resin Roller)
D4N-6
@2G
D4N-8
@2G
17.5 dia.
× 6.8
resin roller
Two, 4
+0.15 dia. holes
Depth: 5
0
30
Cap
27.5
20.5
11±0.2
21.5
42±0.2
(3)
56 max.
47
25 dia.
2.5
5.4
9±0.2
18
20±0.1
40±0.1
42±0.1
22±0.1
14.2
45±1
39.5±1
(31)
39±0.2
20 to 66R
Resin lever
2.15
±0.05R
mounting holes
Conduit cap
20.5
× 20.5
Adjustable Roller Lever, Form Lock
(with Metal Lever, Rubber Roller)
D4N-6
@2H
D4N-8
@2H
50 dia.
× 8
rubber roller
Bearing
Stainless
steel lever
Two, 4
+0.15 dia. holes
Depth: 5
0
20.5
× 20.5
30
Cap
27.5
20.5
11±0.2
21.5
42±0.2
(3)
56 max.
47
25 dia.
2.5
5.4
9±0.2
18
20±0.1
40±0.1
42±0.1
22±0.1
14.2
48.2±1
41.3±1
(29.2)
39±0.2
32 to 66R
2.15
±0.05R
mounting holes
Conduit cap
Snap-action (1NC/1NO) (2NC), Slow-action (2NC)
(3NC)
Note: Variation occurs in the simultaneity of contact opening/closing
operations of 2NC, 2NC/1NO, and 3NC contacts. Check contact
operation.
*1. The operating characteristics of these Switches were measured
with the roller lever set at 30 mm.
*2. The operating characteristics of these Switches were measured
with the roller lever set at 31 mm.
*3. Only for snap-action models.
*4. Reference value.
*5. For safe use, always make sure that the minimum values or greater
are provided.
Model
Operating characteristics
D4N-
@162
D4N-
@262
D4N-
@B62
D4N-
@D62
D4N-
@172
D4N-
@272
D4N-
@B72
D4N-
@D72
D4N-
@12G
D4N-
@22G
D4N-
@B2G
D4N-
@D2G
*1
D4N-
@12H
D4N-
@22H
D4N-
@B2H
D4N-
@D2H
*2
Operating force
OF max. 5.0 N
5.0 N
4.5 N
4.5 N
Release force
RF min. 0.8 N
0.8 N
0.4 N
0.4 N
Pretravel
PT max. 4 mm
4 mm
18
° to 27°
18
° to 27°
Overtravel
OT min. 5 mm
5 mm
40
°
40
°
Movement differential
MD max.
*3
1.5 mm
1.5 mm
14
°
14
°
Operating position OP
37
±0.8 mm 27 ±0.8 mm ---
---
Total travel
TT
*4
(9 mm)
(9 mm)
(70
°)(70°)
Direct opening travel
DOT min.
*5
5.8 mm
4.8 mm
50
°
50
°
Direct opening force
DOF min.
*5
20 N
20 N
20 N
20 N
Slow-action (1NC/1NO) (2NC/1NO)
*1. The operating characteristics of these Switches were measured
with the roller lever set at 30 mm.
*2. The operating characteristics of these Switches were measured
with the roller lever set at 31 mm.
*3. Reference values.
*4. Only for MBB models. (D4N-@E@@ or D4N-@F@@)
*5. For safe use, always make sure that the minimum values or greater
are provided.
Model
Operating characteristics
D4N-
@A62
D4N-
@C62
D4N-
@E62
D4N-
@F62
D4N-
@A72
D4N-
@C72
D4N-
@E72
D4N-
@F72
D4N-
@A2G
D4N-
@C2G
D4N-
@E2G
D4N-
@F2G
*1
D4N-
@A2H
D4N-
@C2H
D4N-
@E2H
D4N-
@F2H
*2
Operating force
OF max. 5.0 N
5.0 N
4.5 N
4.5 N
Release force
RF min. 0.8 N
0.8 N
0.4 N
0.4 N
Pretravel
PT max.
(NC)
4 mm
4 mm
18
° to 27°
18
° to 27°
PT (NO)
*3
(5.2 mm)
(4.3 mm)
(44
°)(44°)
PT max.
(NC)
*4
4 mm
4 mm
27.5
° to 36.5° 27.5° to 36.5°
PT (NO)
*3, 4
(1.5 mm)
(1.5 mm)
(18
°)(18°)
Overtravel
OT min. 5 mm
5 mm
40
°
40
°
Operating position OP
37
±0.8 mm 27 ±0.8 mm ---
---
OP
*4 36 ±0.8 mm
26.1
±0.8 mm
---
---
Total travel
TT
*3
(9 mm)
(9 mm)
(70
°)(70°)
Direct opening travel
DOT min.
*5
5.8 mm
4.8 mm
50
°
50
°
Direct opening force
DOF min.
*5
20 N
20 N
20 N
20 N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com