Electronic Components Datasheet Search
  English  ▼

X  

MH30 Datasheet(PDF) 1 Page - FLEXTRAL

Part # MH30
Description  MH30 Premium Soft Wall Dry Material Hose
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FLEXTRAL [FLEXTRAL]
Direct Link  https://flextral.com/
Logo FLEXTRAL - FLEXTRAL

MH30 Datasheet(HTML) 1 Page - FLEXTRAL

  MH30 Datasheet HTML 1Page - FLEXTRAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MH30 Premium Soft Wall Dry Material Hose
www.
.com
V04.21
Application:
Discharge hose used for dry bulk commodities. Including limestone, ground silica, chalk, frac sand,
china clay, dry cement, and fertilizers.
Construction:
Tube - Synthetic abrasion resistant rubber
Reinforcement - Synthetic yarn
Cover - Black, synthetic rubber
Branding - FLEXTRAL MH30-400C 4” DRY MATERIAL DISCHARGE 1/4” TUBE 100 PSI MAX WP
Temperature Range:
-30ºC to +80ºC (-22ºF to +176ºF)
Part No.
I.D.
Inches
Tube
Gauge
O.D.
Inches
Max W.P.
PSI
Weight
lbs / ft
Standard
Lengths
MH30-400A
4
Z\,
4.45
100
1.51
100’
MH30-400B
4
C\zn
4.57
100
2.09
100’
MH30-400C
4
Z\v
4.69
100
2.38
100’
MH30-400E
4
C\,
5.04
100
3.60
100’
MH30-450A
4Z\x
Z\,
4.92
100
1.67
100’
MH30-450C
4Z\x
Z\v
5.08
100
2.27
100’
MH30-500A
5
Z\,
5.43
100
1.86
100’
MH30-500C
5
Z\v
5.67
100
2.84
100’
Tube Thickness
Gauge
A = Z\,
E = C\,
B = C\zn
F = M|zn
C = Z\v
G = Z\x
D = B\zn
*Call for additional fittings, lengths and assemblies.


Similar Part No. - MH30

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MH300RW MPD-MH300RW Datasheet
403Kb / 2P
Wide Input, 3W Ultra-Miniature DC/DC Converters
logo
List of Unclassifed Man...
MH3012-02 ETC2-MH3012-02 Datasheet
95Kb / 1P
MH - MODULAR SERIES
MH3012-04 ETC2-MH3012-04 Datasheet
95Kb / 1P
MH - MODULAR SERIES
MH3012-06 ETC2-MH3012-06 Datasheet
95Kb / 1P
MH - MODULAR SERIES
MH3012-08 ETC2-MH3012-08 Datasheet
95Kb / 1P
MH - MODULAR SERIES
More results

Similar Description - MH30

ManufacturerPart #DatasheetDescription
logo
Ralston Instruments.
1M1M-HOS-3FT RALSTON-1M1M-HOS-3FT Datasheet
295Kb / 1P
Quick-test hose
1P1P-HOS-3FT RALSTON-1P1P-HOS-3FT Datasheet
299Kb / 1P
Quick-test hose
1S1S-HOS-3FT RALSTON-1S1S-HOS-3FT Datasheet
295Kb / 1P
Quick-test hose
2M2M-HOS-3FT RALSTON-2M2M-HOS-3FT Datasheet
301Kb / 1P
Quick-test hose
2S2S-HOS-3FT RALSTON-2S2S-HOS-3FT Datasheet
290Kb / 1P
Quick-test hose
QTQT-HOS-100FT RALSTON-QTQT-HOS-100FT Datasheet
361Kb / 1P
Quick-test hose, brass hose ends
QSQS-HOS-100FT RALSTON-QSQS-HOS-100FT_14 Datasheet
264Kb / 1P
Quick-test 6900 psi hose, S.S. hose ends, 100 ft (30.1 m) long (with hose reel)
QTHA-HTBB-2T RALSTON-QTHA-HTBB-2T_19 Datasheet
522Kb / 1P
Connect a Quick-test hose to a tube fitting through a wall or control panel
logo
PHOENIX CONTACT
2701380 PHOENIX-2701380 Datasheet
42Kb / 2P
Mounting material - HMI WALL MOUNTING KIT
logo
List of Unclassifed Man...
2398110 ETC-2398110 Datasheet
3Mb / 4P
OWNER’S MANUAL Decora tive Metal Wall Mount Hose Reel
2014
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com