Electronic Components Datasheet Search
  English  ▼

X  

MH37 Datasheet(PDF) 1 Page - FLEXTRAL

Part # MH37
Description  MH37 Hot Air Blower - Premium
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FLEXTRAL [FLEXTRAL]
Direct Link  https://flextral.com/
Logo FLEXTRAL - FLEXTRAL

MH37 Datasheet(HTML) 1 Page - FLEXTRAL

  MH37 Datasheet HTML 1Page - FLEXTRAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MH37 Hot Air Blower - Premium
www.
.com
V04.21
Application:
MH37 is a heavy-duty, high-temperature hot air blower hose designed for bulk loading and unload-
ing of dry materials in plants or transport vehicles. The hose transfers hot air from a compressor to
the storage bin/cargo bay to propel bulk product. The dual wire helix provides vacuum capability,
kink resistance, flexibility for ease of handling, and a path to conduct a static electrical charge to
the ground.
Construction:
Tube - Black EPDM
Reinforcement - Multiple textile plies with a steel spiral wire helix
Cover - Black EPDM, wrapped finish
Branding - FLEXTRAL MH37-300 3” HOT AIR BLOWER HOSE 100 PSI MAX WP 400 DEG F
Temperature Range:
-40ºC to +204ºC (-40ºF to +400ºF)
Part No.
I.D.
Inches
O.D.
Inches
Max W.P.
PSI
Bend Radius
Inches
Weight
lbs / ft
Standard
Lengths
MH37-200
2
2.51
100
5.0
1.06
100’
MH37-300
3
3.53
100
7.0
1.84
100’
MH37-400
4
4.60
100
16.0
2.47
100’
MH37-600
6
6.70
100
30.0
4.46
100’
*Call for additional fittings, lengths and assemblies.


Similar Part No. - MH37

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MH37 MOSPEC-MH37 Datasheet
134Kb / 2P
HIGH EFFICIENCY RECTIFIERS(3.0A,600-1000V)
logo
Welwyn Components Limit...
MH37 WELWYN-MH37 Datasheet
88Kb / 2P
High Voltage Metal Film Resistors
logo
IRC - a TT electronics ...
MH37 IRCTT-MH37 Datasheet
115Kb / 2P
High Voltage Metal Film Resistor
logo
Welwyn Components Limit...
MH3710MOF WELWYN-MH3710MOF Datasheet
88Kb / 2P
High Voltage Metal Film Resistors
MH3710MOG WELWYN-MH3710MOG Datasheet
88Kb / 2P
High Voltage Metal Film Resistors
More results

Similar Description - MH37

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HG350ESD ETC2-HG350ESD Datasheet
463Kb / 2P
Precision Hot Air Tool
logo
Bud Industries, Inc.
B-52 BUD-B-52 Datasheet
78Kb / 1P
BLOWER
B-23-A BUD-B-23-A Datasheet
99Kb / 1P
BLOWER
B-60 BUD-B-60 Datasheet
153Kb / 1P
BLOWER
logo
ebm-papst
G1G179-AB05-20 EBMPAPST-G1G179-AB05-20 Datasheet
308Kb / 2P
COMBUSTION AIR BLOWER
G2E108-AA05-44 EBMPAPST-G2E108-AA05-44 Datasheet
204Kb / 1P
CENTRIFUGAL BLOWER
G4E180-AB09-15 EBMPAPST-G4E180-AB09-15 Datasheet
221Kb / 1P
CENTRIFUGAL BLOWER
QK08A-2203530 EBMPAPST-QK08A-2203530 Datasheet
316Kb / 1P
Crossflow Blower
G1G170 EBMPAPST-G1G170 Datasheet
282Kb / 2P
Combustion Air Blower
logo
SparkFun Electronics
TOL-11130 SPARKFUN-TOL-11130 Datasheet
42Kb / 1P
Hot-air Rework Replacement Element - Temp Controlled
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com