Electronic Components Datasheet Search
  English  ▼

X  

MH50 Datasheet(PDF) 1 Page - FLEXTRAL

Part # MH50
Description  MH50 Corrugated Material Conducting
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FLEXTRAL [FLEXTRAL]
Direct Link  https://flextral.com/
Logo FLEXTRAL - FLEXTRAL

MH50 Datasheet(HTML) 1 Page - FLEXTRAL

  MH50 Datasheet HTML 1Page - FLEXTRAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MH50 Corrugated Material Conducting
www.
.com
V08.23
Application:
Designed for abrasive suction and discharge service. Utilizes bolt on split flanged couplings, which
can be installed without special tools, allows hose to be purchased in long lengths, and cut as
required. The reusable coupling allows full flow of material and permits the hose to be easily rotated
for even wear.
Construction:
Tube - Natural rubber
Reinforcement - Synthetic yarn reinforcement and a steel spiral wire helix
Cover - Black, abrasion resistant synthetic rubber corrugated to help flexibility and match internal
corrugations of external split flange coupling
Temperature Range:
-40ºC to +71ºC (-40ºF to +160ºF)
Part No.
I.D.
Inches
O.D.
Inches
Max W.P.
PSI
Bend Radius
Inches
Weight
lbs / ft
Standard
Lengths
MH50-200
2
3.11
150
11.9
1.92
100’
MH50-300
3
4.65
150
13.8
4.80
100’
MH50-400
4
5.38
150
19.6
5.00
100’
MH50-600
6
7.17
150
29.6
7.73
100’
MH50-800
8
10.02
100
68.9
16.06
60’
MH50-1000
10
11.89
100
78.8
16.96
40’
MH50-1200
12
13.70
100
111.4
18.65
20’
*Call for additional fittings, lengths and assemblies.


Similar Part No. - MH50

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
MH5 RUBYCON-MH5 Datasheet
45Kb / 2P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
MH5 RUBYCON-MH5 Datasheet
162Kb / 1P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
MH5 RUBYCON-MH5 Datasheet
162Kb / 1P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
Mospec Semiconductor
MH51 MOSPEC-MH51 Datasheet
132Kb / 2P
HIGH EFFICIENCY RECTIFIERS(5.0A,50-400V)
logo
MTRONPTI
MH51FAD MTRONPTI-MH51FAD Datasheet
229Kb / 1P
8 pin DIP, 3.3 or 5.0 Volt, HCMOS/TTL Clock Oscillator
More results

Similar Description - MH50

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CSR148 ETC1-CSR148 Datasheet
153Kb / 2P
CSR Reverse Conducting Thyristors
logo
Richco, Inc.
CT-4 RICHCO-CT-4 Datasheet
51Kb / 1P
CORRUGATED TUBE
logo
List of Unclassifed Man...
37155 ETC2-37155 Datasheet
59Kb / 2P
CORRUGATED IN-PLANT HANDLERS
37282 ETC2-37282 Datasheet
59Kb / 2P
CORRUGATED IN-PLANT HANDLERS
37302 ETC2-37302 Datasheet
59Kb / 2P
CORRUGATED IN-PLANT HANDLERS
37392 ETC2-37392 Datasheet
59Kb / 2P
CORRUGATED IN-PLANT HANDLERS
37401 ETC2-37401 Datasheet
59Kb / 2P
CORRUGATED IN-PLANT HANDLERS
logo
Infineon Technologies A...
IHW40N60R INFINEON-IHW40N60R Datasheet
2Mb / 15P
Reverse conducting IGBT
Rev.2.6,2015-01-26
logo
3M Electronics
TAPE13 3M-TAPE13 Datasheet
40Kb / 4P
Electrical Semi-Conducting
Sep-2012
logo
List of Unclassifed Man...
47553 ETC-47553 Datasheet
248Kb / 1P
Universal Organizer, Corrugated
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com