Electronic Components Datasheet Search
  English  ▼

X  

SRS1020 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # SRS1020
Description  Schottky Barrier Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

SRS1020 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  SRS1020 Datasheet HTML 1Page - Inchange Semiconductor Company Limited SRS1020 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Schottky Barrier Rectifier
SRS1020
www.iscsemi.com
1
FEATURES
· Low power loss, high efficiency
· High Surge Current Capability
· RoHS Compliant
APPLICATIONS
· Switching Mode Power Supplies
· Converters
· DC to DC converters
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
Peak Repetitive Reverse Voltage
20
V
IF(AV)
Average Rectified Forward Current
10
A
IFSM
Non-repetitive Peak Surge Current
(8.3ms Single Half Sine Wave Superimposed on Rated Load)
120
A
TJ
Max. Junction Temperature
125
℃
Tstg
Storage Temperature Range
-55~125
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
2.0
℃
/W
ELECTRICAL CHARACTERISTICS(TJ = 25°C unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
VF
Maximum Instantaneous Forward Voltage
IF=8A
--
0.55
V
IR
Maximum Instantaneous Reverse Current
VR= VRRM
--
100
uA


Similar Part No. - SRS1020

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SRS1020 TSC-SRS1020 Datasheet
77Kb / 2P
10.0 AMPS. Schottky Barrier Rectifiers
SRS1020 TSC-SRS1020 Datasheet
161Kb / 2P
10.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SRS1020 TSC-SRS1020 Datasheet
154Kb / 2P
10.0AMPS. Surface Mount Schottky Barrier Rectifiers
SRS1020 TSC-SRS1020 Datasheet
255Kb / 4P
10.0AMPS. Surface Mount Schottky Barrier Rectifiers
logo
Nantong Hornby Electron...
SRS1020 HORNBY-SRS1020 Datasheet
312Kb / 3P
SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SRS1020

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com