Electronic Components Datasheet Search
  English  ▼

X  

8103906 Datasheet(PDF) 2 Page - ledxon GmbH

Part # 8103906
Description  Recessed spotlight ESP1-S20, 14,0W 1595lm CRI90 3000K 25° black
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDXON [ledxon GmbH]
Direct Link  https://www.ledxon.de/en
Logo LEDXON - ledxon GmbH

8103906 Datasheet(HTML) 2 Page - ledxon GmbH

  8103906 Datasheet HTML 1Page - ledxon GmbH 8103906 Datasheet HTML 2Page - ledxon GmbH 8103906 Datasheet HTML 3Page - ledxon GmbH 8103906 Datasheet HTML 4Page - ledxon GmbH 8103906 Datasheet HTML 5Page - ledxon GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
8103906
/
Page 2 5
OXOMI
Created on 09/04/2026
ITEM DETAILS
CHARACTERISTICS
COMMERCIAL DATA
Discount group
EFGH
DIMENSIONS (PRODUCT INCL. BASIC PACKAGING)
Length
75 mm
Width
75 mm
Height
102 mm
Diameter
75 mm
Volume
573.75 cm³ (0.57 l)
Weight
0.239 kg
FEATURES
Product group
Downlight/spot/floodlight (EC001744)
Suitable for wall mounting
No
Exchangeable control gear
No
Dimming DALI-2
No
Suitable for traverse mounting
No
Suitable for pedestal/floor mounting
No
Suitable for light-track mounting
No
Suitable for clamp-mounting
No
Suitable for low voltage cable system
No
Adjustability
Rotating and swivelling
Professional recessed spotlight series in a wide range of variants for architectural,
exhibition, office and home applications.  Anti-glare and efficiency-optimized optical
system with high colour rendering. (UGR<17, >120lm/W, CRI90) Including external control
gear via connector.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com